Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC03015 Datasheet(PDF) 1 Page - Allied Components International

Part # PC03015
Description  Power Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PC03015 Datasheet(HTML) 1 Page - Allied Components International

  PC03015 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Inductors
PC03015
15
All specifications subject to change without notice.
DCR
(
Ω)
IDC
(A)
Allied
Part
Number
(
µh)
(%)
Freq.
PC03015-2R2M-RC
PC03015-3R3M-RC
PC03015-4R7M-RC
PC03015-6R8M-RC
PC03015-100M-RC
PC03015-150M-RC
PC03015-220M-RC
PC03015-330M-RC
PC03015-390M-RC
PC03015-470M-RC
PC03015-680M-RC
PC03015-101M-RC
PC03015-221M-RC
2.2
3.3
4.7
6.8
10
15
22
33
39
47
68
100
220
20
20
20
20
20
20
20
20
20
20
20
20
20
1
1
1
1
1
1
1
1
1
1
1
1
1
0.10
0.11
0.15
0.20
0.30
0.58
0.71
1.10
1.30
1.30
2.20
3.50
10.92
0.79
0.73
0.65
0.77
0.45
0.30
0.25
0.20
0.17
0.17
0.13
0.10
0.07
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
Dimensions:
Inches
(mm)
Inductance
Tolerance
Test
Features
• Unshielded SMD low cost design
• Accurate and consistent dimensions for
• Excellent for use in DC-DC converter
• Also available in magnetically shielded
• Designed for higher current applications
Electrical
Inductance Range: 2.2µh to 220µh
Tolerance:
20% over entire range
Test Frequency: (L/Q) as specified
Operating Temp: -40ºC ~ +85ºC
IDC: Current at which Inductance drops 10%
of original value with a
Resistance to Soldering Heat
Test Method: Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for 10 sec ± 1 sec.
Test Equipment
(L & Q):
HP4192A Impedence Analyzer
(DCR): Chen Hwa 502BC
(IDC): HP4284A with HP42841A or
CH1061 with CH301A
Physical
Packaging: 3000 pieces per 13 inch reel.
Marking:
EIA Inductance Code
∆ T= 40ºC whichever
is lower.
auto insertion
application
Also available in tighter tolerances
MHz, 1 V
REVISED 12/18/12
±30%


Similar Part No. - PC03015

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PC03015-100M-RC ALLIED-PC03015-100M-RC Datasheet
340Kb / 1P
Power Chip Inductors
PC03015-101M-RC ALLIED-PC03015-101M-RC Datasheet
340Kb / 1P
Power Chip Inductors
PC03015-122M-RC ALLIED-PC03015-122M-RC Datasheet
340Kb / 1P
Power Chip Inductors
PC03015-150M-RC ALLIED-PC03015-150M-RC Datasheet
340Kb / 1P
Power Chip Inductors
PC03015-152M-RC ALLIED-PC03015-152M-RC Datasheet
340Kb / 1P
Power Chip Inductors
More results

Similar Description - PC03015

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4045AT KOA-LPC4045AT Datasheet
79Kb / 4P
Power Chip Inductors
logo
Allied Components Inter...
PC0301-2R2M-RC ALLIED-PC0301-2R2M-RC Datasheet
384Kb / 1P
Power Chip Inductors
PC0501-1R0M-RC ALLIED-PC0501-1R0M-RC Datasheet
385Kb / 1P
Power Chip Inductors
PC1307-1R5M-RC ALLIED-PC1307-1R5M-RC Datasheet
409Kb / 1P
Power Chip Inductors
PC03011-1R0M-RC ALLIED-PC03011-1R0M-RC Datasheet
355Kb / 1P
Power Chip Inductors
PC03015-2R2M-RC ALLIED-PC03015-2R2M-RC Datasheet
340Kb / 1P
Power Chip Inductors
PC0703-4R7M-RC ALLIED-PC0703-4R7M-RC_10 Datasheet
338Kb / 1P
Power Chip Inductors
PC0703 ALLIED-PC0703 Datasheet
338Kb / 1P
Power Chip Inductors
PCI20 ALLIED-PCI20 Datasheet
838Kb / 1P
Power Chip Inductors
PCI40 ALLIED-PCI40 Datasheet
726Kb / 1P
Power Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com