Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS51 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 74LS51
Description  2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gates
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LS51 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  74LS51 Datasheet HTML 1Page - Hitachi Semiconductor 74LS51 Datasheet HTML 2Page - Hitachi Semiconductor 74LS51 Datasheet HTML 3Page - Hitachi Semiconductor 74LS51 Datasheet HTML 4Page - Hitachi Semiconductor 74LS51 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DA
—
Conforms
0.23 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.70
± 0.20
0.12
0.15
0
° – 8°
M
10.06
1.42 Max
14
8
1
7
10.5 Max
+ 0.20
– 0.30
7.80
1.15
1.27
0.40
± 0.06



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com