Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDSDM-256 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SDSDM-256
Description  SanDisk SD Card Product Family
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDSDM-256 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SDSDM-256 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDSDM-256 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDSDM-256 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDSDM-256 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDSDM-256 Datasheet HTML 13Page - List of Unclassifed Manufacturers SDSDM-256 Datasheet HTML 14Page - List of Unclassifed Manufacturers SDSDM-256 Datasheet HTML 15Page - List of Unclassifed Manufacturers SDSDM-256 Datasheet HTML 16Page - List of Unclassifed Manufacturers SDSDM-256 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
© 2007 SanDisk Corporation
2-1
Rev. 2.2, 07/07
CHAPTER 2
Product Specification
Power Requirements
The SanDisk SD Card and miniSD Card power requirements are stated in Table 2-1. The
SanDisk microSD Card power requirements are stated in Table 2-2. For details about the
environmental, reliability and durability specifications, refer to Section 8.1 of the SDA
Physical Layer Specification, Version 2.00.
NOTE
Current consumption is measured by averaging over one (1) second. Refer to
Section 6.6.4 of the SDA Physical Layer Specification, Version 2.00 for more
information.
System Performance
This section provides the system performance specifications for the SanDisk SD Card Product
Family. For details about the environmental, reliability and durability specifications, refer to
Section 8.1 of the SDA Physical Layer Specification, Version 2.00.
All performance values for the SanDisk SD Card Product Family in Table 2-2 were measured
under the following conditions:
•
Voltage range 2.7 to 3.6V
•
Temperature -25 C to 85 C
Table 2-1
SanDisk SD Card and miniSD Card Power Requirements
Mode
Maximum Value
Sleep:
≤ 4 GB
6 GB, 8 GB, 16 GB
250 uA
300 uA
Read: Default Mode Speed (25 MHz)
High Speed Mode (50 MHz
100 mA
200 mA
Write: Default Mode Speed (25 MHz)
High Speed Mode (50 MHz)
100 mA
200 mA
Table 2-2
SanDisk microSD Card Power Requirements
Mode
Maximum Value
Sleep:
≤ 4 GB
6 GB, 8 GB, 16 GB
150 uA
250 uA
Read: Default Mode Speed (25 MHz)
High Speed Mode (50 MHz
100 mA
200 mA
Write: Default Mode Speed (25 MHz)
High Speed Mode (50 MHz)
100 mA
200 mA
°
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com