Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSD054 Datasheet(PDF) 1 Page - Allied Components International

Part # PCSD054
Description  Shielded Power Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSD054 Datasheet(HTML) 1 Page - Allied Components International

  PCSD054 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Power Chip Inductor
PCSD054
15
RDC
(Ω)
Rated
Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCSD054-100M-RC
PCSD054-120M-RC
PCSD054-150M-RC
PCSD054-180M-RC
PCSD054-220M-RC
PCSD054-330L-RC
PCSD054-470L-RC
PCSD054-560K-RC
PCSD054-680L-RC
PCSD054-820L-RC
10
12
15
18
22
33
47
56
68
82
20
20
20
20
20
15
15
10
15
15
100
100
100
100
100
100
100
100
100
100
0.07
0.07
0.08
0.10
0.13
0.18
0.27
0.29
0.33
0.43
1.65
1.57
1.39
1.29
1.12
0.97
0.80
0.76
0.68
0.62
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCSD054-270M-RC
27
20
100
0.16
1.06
PCSD054-390L-RC
39
15
100
0.18
0.91
(A)
Max.
All specifications subject to change wtihout notice.
KHz, 0.1V
Features
• SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
• Magnetically shielded
Electrical
Inductance Range: 10µh to 270µh,
Tolerance: As shown in the table.
Operating Temp: -40ºC ~ +100ºC
Rated Current: Current at which inductance
drop by no more than 10% of intial value or the
Test Equipment
(L): HP4284 A LCR Meter
(RDC): CH502BC or equal
Physical
Packaging: 800 pieces per 13 inch reel.
Marking: EIA Inductance Code
temperature has risen by 40ºC which ever occurs first
Also, available in tighter tolerances
07/03/11
• High Current
Available in additional values
PCSD054-101K-RC
100
10
100
0.49
0.55
Tolerance: also available in: K=10% and M=20%
(7.8±0.35)
0.307±0.014
(7.0±0.35)
0.276±0.014
UNIT: mm
PCSD054-121K-RC
PCSD054-151K-RC
PCSD054-181K-RC
PCSD054-221K-RC
120
150
180
220
10
10
10
10
100
100
100
100
0.68
0.94
1.00
1.18
0.49
0.44
0.40
0.36
PCSD054-271K-RC
270
10
100
1.30
0.33
0.118±0.016
(4.5±0.40)
Dimensions:
Inches
(mm)
XXX


Similar Part No. - PCSD054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCSD93501QRYCTQ1 TI-PCSD93501QRYCTQ1 Datasheet
915Kb / 13P
CSD93501-Q1 Synchronous Buck Monolothic Smart Power Stage
OCTOBER 2022
PCSDM65295TVCQ TI2-PCSDM65295TVCQ Datasheet
463Kb / 5P
CSDM65295x Dual-Phase Buck Smart Power Stage Module
FEBRUARY 2026
PCSDM65295VCQ TI2-PCSDM65295VCQ Datasheet
463Kb / 5P
CSDM65295x Dual-Phase Buck Smart Power Stage Module
FEBRUARY 2026
PCSDM65695TVCV TI2-PCSDM65695TVCV Datasheet
472Kb / 3P
CSDM65695x Quad-Phase Buck Smart Power Stage Module
MARCH 2026
logo
Allied Components Inter...
PCSDR124 ALLIED-PCSDR124 Datasheet
403Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCSD054

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS8D43-R68N-RC ALLIED-PCS8D43-R68N-RC Datasheet
452Kb / 1P
Shielded Power Chip Inductor
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCS8D43 ALLIED-PCS8D43 Datasheet
452Kb / 1P
Shielded Power Chip Inductor
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCS8D28 ALLIED-PCS8D28 Datasheet
452Kb / 1P
Shielded Power Chip Inductor
PCS129 ALLIED-PCS129 Datasheet
352Kb / 1P
Power Chip Shielded Inductor
PCS6D38-AU ALLIED-PCS6D38-AU Datasheet
4Mb / 1P
Power Chip Shielded Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com