Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSDR124 Datasheet(PDF) 1 Page - Allied Components International

Part # PCSDR124
Description  Power Chip Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSDR124 Datasheet(HTML) 1 Page - Allied Components International

  PCSDR124 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCSDR124
15
Features
• Magnetically Shielded
• Expanded operating temp range
• Low DC Resistance
• High Energy Storage
Electrical
Test Equipment
Physical
Packaging:
600 pieces per 13 inch reel.
DCR
(Ω)
I sat
Allied
Part
Number
Inductance
(
µh)
T
olerance
(%)
T
est
Freq.
PCSDR124-R47T-RC
PCSDR124-1R5T-RC
PCSDR124-2R2T-RC
PCSDR124-3R3T-RC
PCSDR124-3R9T-RC
PCSDR124-6R8T-RC
PCSDR124-100M-RC
PCSDR124-120M-RC
PCSDR124-150M-RC
PCSDR124-180M-RC
PCSDR124-220M-RC
PCSDR124-270M-RC
PCSDR124-330M-RC
PCSDR124-390M-RC
0.47
1.5
2.2
3.3
3.9
6.8
10
12
15
18
22
27
33
39
30
30
30
30
30
30
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
0.0022
0.0055
0.0070
0.0100
0.0149
0.0220
0.0307
0.4110
0.0437
0.0554
0.0642
0.0761
0.0911
0.1209
30.800
17.100
14.000
11.800
10.300
8.110
6.700
5.700
5.310
4.670
4.400
3.950
3.580
3.280
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCSDR124-4R7T-RC
4.7
30
100
0.0160
9.060
PCSDR124-7R6T-RC
7.6
30
100
0.0250
7.330
(A)
PCSDR124-560M-RC
PCSDR124-680M-RC
PCSDR124-820M-RC
PCSDR124-101M-RC
56
68
82
100
20
20
20
20
100
100
100
100
0.1709
0.2220
0.2484
0.3276
2.700
2.440
2.230
2.000
PCSDR124-470M-RC
47
20
100
0.1458
3.020
PCSDR124-121M-RC
PCSDR124-151M-RC
120
150
20
20
100
100
0.3790
0.4308
1.810
1.630
PCSDR124-221M-RC
PCSDR124-271M-RC
220
270
20
20
100
100
0.6492
0.9540
1.360
1.230
PCSDR124-181M-RC
180
20
100
0.6103
1.500
PCSDR124-331M-RC
330
20
100
1.0000
1.110
• High saturation current
Inductance Range:
.47µh to 1200µh
Tolerance:
.47µh~7.6µh 30%,
Test Frequency:
100KHz, 0.1V
Operating Temp:
-55ºC ~ +125ºC
Irms:
Current at which the
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition:
Sn/Ag3.0/Cu0.5
Solder Temp:
260ºC +/- 5ºC
Immersion time:
10 sec. +/- 1 sec.
(L):
HP 4284A LCR meter or equivalent
(RDC):
HP 4338B Millohm meter or equivalent
(IDC):
3260B WK & DC Bias 3265B WK
Marking:
EIA Inductance Code.
REVISED 8/7/09
Dimensions:
Inches
(mm)
KHz, 0.1V
All specifications subject to change without notice.
Available in tighter tolerances
I rms
(A)
PCSDR124-391M-RC
390
20
100
1.3420
1.050
PCSDR124-471M-RC
470
20
100
1.4640
0.940
PCSDR124-561M-RC
560
20
100
1.8230
0.860
PCSDR124-681M-RC
680
20
100
2.1840
0.770
PCSDR124-821M-RC
820
20
100
2.4480
0.700
PCSDR124-102M-RC
1000
20
100
3.2280
0.650
PCSDR124-122M-RC
1200
20
100
5.0770
0.600
PCSDR124-R82T-RC
0.82
30
100
0.0037
22.000
15.377
12.114
9.619
8.566
7.161
5.859
5.657
4.823
4.523
4.077
3.538
3.419
3.035
2.820
2.591
2.368
2.056
1.872
1.729
1.517
1.434
1.249
1.161
1.089
0.915
0.887
0.732
0.714
0.617
0.591
0.529
0.484
0.457
0.398
0.317
• Low Energy Loss
• Suitable for pick and place
10µh~1200µh 20%
∆ T=40ºC
Isat:
Current at which the inductance
drops 35% from initial value
8
8


Similar Part No. - PCSDR124

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSDR124-100M-RC ALLIED-PCSDR124-100M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR124-101M-RC ALLIED-PCSDR124-101M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR124-102M-RC ALLIED-PCSDR124-102M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR124-120M-RC ALLIED-PCSDR124-120M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
PCSDR124-121M-RC ALLIED-PCSDR124-121M-RC Datasheet
403Kb / 1P
Power Chip Shielded Inductors
More results

Similar Description - PCSDR124

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
Power Chip Shielded Inductors
PCS2D09 ALLIED-PCS2D09 Datasheet
410Kb / 1P
Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCS6D38 ALLIED-PCS6D38 Datasheet
355Kb / 1P
Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
Power Chip Shielded Inductors
PCS125 ALLIED-PCS125 Datasheet
359Kb / 1P
Power Chip Shielded Inductors
PCSDR129 ALLIED-PCSDR129 Datasheet
672Kb / 1P
Power Chip Shielded Inductors
PCSHC2D18 ALLIED-PCSHC2D18 Datasheet
378Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com