Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS73 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 74LS73
Description  Dual J-K Flip-Flops(with Clear)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74LS73 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  74LS73 Datasheet HTML 1Page - Hitachi Semiconductor 74LS73 Datasheet HTML 2Page - Hitachi Semiconductor 74LS73 Datasheet HTML 3Page - Hitachi Semiconductor 74LS73 Datasheet HTML 4Page - Hitachi Semiconductor 74LS73 Datasheet HTML 5Page - Hitachi Semiconductor 74LS73 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-14DN
Conforms
Conforms
0.13 g
Unit: mm
0
° – 8°
1.27
14
8
1
7
0.15
0.25 M
8.65
9.05 Max
*0.40
± 0.06
0.635 Max
6.10
+ 0.10
– 0.30
0.60
+ 0.67
– 0.20
1.08
*Pd plating



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com