Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P040262 Datasheet(PDF) 1 Page - E-SWITCH

Part # P040262
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P040262 Datasheet(HTML) 1 Page - E-SWITCH

  P040262 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
EG2323A
2:1
4/30/2008
P040262
A
BLR
1
1
PCB LAYOUT
CIRCUIT: DP3T
5
1
6 COM
2 COM
3
7
8
4
9.80
[.386 in]
29.00
[1.142 in]
12.00
[.472 in]
4.0
[.16 in]
12.00
[.472 in]
16.00
[.630 in]
8.00
[.315 in]
4.00
[.157 in]
(TYP)
25.06
[.987 in]
.50
[.020 in]
4.00
[.157 in]
1.00
[.039 in]
A
18071
RELEASE FOR PRODUCTION
5/01/08
BLR
1
2
3
4
4
8
4.00
[.157 in]
4.00
[.157 in]
8.00
[.315 in]
n1.20
[.047 in]
(TYP)
1.00
[.039 in]
SWITCH FUNCTION
POS 1
POS 2
2-1, 6-5
2-3, 6-7
POS. 3
2-4, 6-8
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT RATING: 0.3A @ 30VDC
5. TRAVEL: 4.0 MM TYP. (2X)
6. TIMING: NON-SPECIFIED
7. OPERATING FORCE: a
→ b ← c = 150 ` 100 gf
a
← b → c = 250 ` 100 gf
8. 2002/95/EC (ROHS) COMPLIANT
9.
DENOTES CRITICAL PARAMETER
24.00
[.945 in]
M2.6 x .45
(2)
.60
[.024 in]


Similar Part No. - P040262

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P040260 E-SWITCH-P040260 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P040263 E-SWITCH-P040263 Datasheet
34Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P040262

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com