Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P090004 Datasheet(PDF) 1 Page - E-SWITCH

Part # P090004
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P090004 Datasheet(HTML) 1 Page - E-SWITCH

  P090004 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LL1105VF065Q
4:1
1/4/2010
P090004
C
BLR
1
1
P.C.B. MOUNTING HOLE LAYOUT
A
16116
NEW PART RELEASE
6/13/06
CT
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: x.xx `0.4
x.xx `0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 50mA, @12V DC
5. TRAVEL: 0.25`0.1mm
6. CONTACT RESISTANCE: 50m ohms max initial.MOS
& TTC COMPATIBLE
7. ELECTRICAL LIFE: 5,000,000 CYCLES MIN.
8. INSULTION RESISTANCE: 100M ohms min.
9. DIELECTRIC STRENGTH: 250VA
10. OPERATING TEMP.: -30~C to 85~C
11.
DENOTES CRITICAL PARAMETER
12. CONTACTS: SILVER PLATED
13. OPENING FORCE: 65`20 GRAMS
14. PACKAGING: 1000 PCS PER POLYBAG
7.00
[.276 in]
4.50
[.177 in]
2.50
[.098 in]
n1.00
[.039 in]
n1.30
[.051 in]
3.41
[.134 in]
6.00
[.236 in]
7.30
[.287 in]
7.80
[.307 in]
1.84
[.072 in]
2.70
[.106 in]
.80
[.031 in]
.40
[.016 in]
.70
[.028 in]
4.50
[.177 in]
7.00
[.276 in]
8.40 `.30
.331 `.012 in
[
]
1.00
[.039 in]
.30
[.012 in]
2.50
[.098 in]
4.00
[.157 in]
3.85
[.152 in]
4.00
[.157 in]
3.50
[.138 in]
B
B
18742
LEG TOLERANCE WAS +/- 0.1
1/4/2010
BLR
1
2
CIRCUIT: SPST
6.90
[.272 in]
3.69
[.145 in]
3.00
[.118 in]
2.50
[.098 in]
C
20784
UPDATE AND CORRECT DIMS
9/27/12
EBP
C
C
C
C
C


Similar Part No. - P090004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P090006 E-SWITCH-P090006 Datasheet
175Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P090004

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com