Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSN5D33 Datasheet(PDF) 1 Page - Allied Components International

Part # PCSN5D33
Description  Shielded Power Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSN5D33 Datasheet(HTML) 1 Page - Allied Components International

  PCSN5D33 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Power Inductor
PCSN5D33
15
DCR
Ω
Isat
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCSN5D33-6R8M-RC
6.8
20
100
75
2.8
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
(A)
KHz,1v
All specifications subject to change without notice.
REVISED 08/18/10
Irms
(A)
1.9
Max
Max.
PCSN5D33-100M-RC
10
20
100
100
2.5
1.8
Features
• SMD Power Inductor
• Low DC resistance
Electrical
Inductance Range: 6.8µH & 10µH
Tolerance: 20%, available in tighter tolerances
Operating Temp: -40ºC ~ +105ºC
Test Equipment
(L): TH2817
Physical
Packaging: 2000 pieces per 13 inch reel.
• Magnetically shielded
(RDC): TH2512B
Marking: EIA Inductance Code
no more than 30% of inital value.
• High Current
• Ideal for DC-DC coverter applications
Additional values available
(Isat & Irms): WK3260B & WK3265B
m
Land Pattern
Schematic
Isat:
Current at which Inductance drops by
Irms: Current at which the temperature
rise is 40ºC
Dimensions:
Inches
(mm)


Similar Part No. - PCSN5D33

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSN5D33-100M-RC ALLIED-PCSN5D33-100M-RC Datasheet
1Mb / 1P
Shielded Power Inductor
PCSN5D33-100M-RC ALLIED-PCSN5D33-100M-RC Datasheet
1Mb / 1P
Shielded Power Inductor
PCSN5D33-101M-RC ALLIED-PCSN5D33-101M-RC Datasheet
1Mb / 1P
Shielded Power Inductor
PCSN5D33-150M-RC ALLIED-PCSN5D33-150M-RC Datasheet
1Mb / 1P
Shielded Power Inductor
PCSN5D33-221M-RC ALLIED-PCSN5D33-221M-RC Datasheet
1Mb / 1P
Shielded Power Inductor
More results

Similar Description - PCSN5D33

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com