Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB855 Datasheet(PDF) 1 Page - Allied Components International

Part # RB855
Description  Radial Leaded RF Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

RB855 Datasheet(HTML) 1 Page - Allied Components International

  RB855 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RB855-100M-RC
RB855-120M-RC
RB855-150M-RC
RB855-180M-RC
RB855-220K-RC
RB855-270K-RC
RB855-330K-RC
RB855-390K-RC
RB855-470K-RC
RB855-560K-RC
RB855-680K-RC
RB855-820K-RC
RB855-101K-RC
RB855-121K-RC
RB855-151K-RC
RB855-181K-RC
RB855-221K-RC
RB855-271K-RC
RB855-331K-RC
RB855-391K-RC
RB855-471K-RC
RB855-561K-RC
RB855-681K-RC
RB855-821K-RC
Allied
Part
Number
Inductance
(
µh)
DCR
(Ohms)
Rated
(mA)
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
0.07
0.08
0.09
0.10
0.12
0.14
0.17
0.21
0.24
0.31
0.34
0.40
0.52
0.59
0.71
0.89
1.04
1.28
1.47
1.67
1.95
2.83
3.25
3.82
2500
2400
2100
2000
1700
1600
1400
1300
1200
1100
1000
930
810
760
670
620
540
490
440
410
380
350
320
310
All specifications subject to change without notice.
Radial Leaded RF Inductors
RB855
Electrical
Tolerance: 10% over entire range.
Tighter tolerances available.
For R.F and other applications
Extensive Inductance Range
Tighter tolerance available
Features
•
•
•
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
Dimensions: (mm)
Test Frequency: As shown
Physical
Packaging: 50 per bag
Marking: EIA Inductance code
07/03/2014
Test Freq
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52 MHz
2.52MHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
Max
Current
Test Equipment
Inductance: CH-100 / HP4342A
DCR: CH-301 Current Source & DCR Meter
DC Current: Based on Inductance change
by no more than 10% of initial value and
Operating Temperature: -55ºC to +125ºC
Inductance Range: -10µh ~ 10,000µh
Current: CH-301 Current Source & DCR
Temperature rise of no more than 30ºC of
initial temperature within the coil body.
Under no circumstances should the
temperature of the part increase to more
than 125ºC.
A: 7.8±0.5
B: 5.5 Max
C: 5.0 ± 1.0
D: 5.0±0.3
E: 0.7±0.1-0.05
Tolerance
20%
20%
20%
20%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
RB855-102K-RC
RB855-122K-RC
RB855-152K-RC
RB855-182K-RC
RB855-222K-RC
RB855-272K-RC
RB855-332K-RC
RB855-392K-RC
RB855-472K-RC
RB855-562K-RC
RB855-682K-RC
RB855-822K-RC
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
5.28
6.03
7.15
8.26
11.1
13.1
15.9
18.0
23.9
26.8
31.7
46.5
250
230
210
200
180
160
140
130
120
110
98
88
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
1 KHz
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
10%
RB855-103K-RC
10000
55.7
81
1 KHz
10%


Similar Part No. - RB855

ManufacturerPart #DatasheetDescription
logo
Rohm
RB851Y ROHM-RB851Y Datasheet
143Kb / 3P
Schottky barrier diode
RB851Y ROHM-RB851Y Datasheet
127Kb / 3P
Schottky barrier diode
RB851Y ROHM-RB851Y Datasheet
1Mb / 7P
Detection Schottky Diode
RB851Y ROHM-RB851Y_07 Datasheet
127Kb / 3P
Schottky barrier diode
RB851Y ROHM-RB851Y_15 Datasheet
1Mb / 7P
Detection Schottky Diode
More results

Similar Description - RB855

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB3R3M TAIYO-YUDEN-LHL08TB3R3M Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB5R6M TAIYO-YUDEN-LHL08TB5R6M Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB103J TAIYO-YUDEN-LHL08TB103J Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB153J TAIYO-YUDEN-LHL08TB153J Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB330K TAIYO-YUDEN-LHL08TB330K Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
Radial Leaded Inductors
LHL16TB152J TAIYO-YUDEN-LHL16TB152J Datasheet
137Kb / 1P
Radial Leaded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com