Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F-69X Datasheet(PDF) 2 Page - TRIAD MAGNETICS

Part # F-69X
Description  ChassisMount SingleSecondary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-69X Datasheet(HTML) 2 Page - TRIAD MAGNETICS

  F-69X Datasheet HTML 1Page - TRIAD MAGNETICS F-69X Datasheet HTML 2Page - TRIAD MAGNETICS F-69X Datasheet HTML 3Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Mounting
Type
Secondary
Primary
RMS Test
Case
Dimensions
Dimensions
Wt.
Section
No.
Volts
Amps
Voltage
Voltage (Sec.)
Type
Connections
HW
D
MW
MD
Lbs.
F-96U
10.0 CT
6.000
115
1,500
U
Leads
3
21/2
23/4
225/16
2.10
A
F-97U
10.0 CT
8.000
115
1,500
U
Leads
37/16
213/16
321/4
21/2
4.00
F-113X
12.0
0.150
115
1,500
X
Leads
13/8
23/8
13/8
2
•
0.40
F-216X#
12.0
0.350
115
1,500
X
Leads
13/8
23/8
13/8
2
•
0.37
F-114X
12.0
0.700
115
1,500
X
Leads
15/8
213/16
15/8
23/8
•
0.80
B
F-217X#
12.0
1.200
115
1,500
X
Leads
2
31/4
13/4
213/16
•
1.00
F-218X#
12.0
2.000
115
1,500
X
Leads
2
31/4
17/8
27/8
•
1.13
F-219X#
12.0
4.000
115
1,500
X
Leads
29/16
421/4
39/16
•
2.30
F-220U#
12.0
6.000
115
1,500
U
Leads
37/16
213/16
21/2
21/4
21/8
3.50
F-221U#
12.0
8.000
115
1,500
U
Leads
313/16
31/8
23/8
21/2
21/8
4.00
C
F-29U†
12.0 CT or 11.0 CT 11.0
115
3,000
U
Leads
43/8
31/2
33/8
23/4
29/16
6.50
or 10.0 CT
F-70X
12.6 CT
1.000
115
1,500
X
Leads
115/16
35/16
13/4
213/16
•
1.30
F-25X
12.6 CT
1.500
115
1,500
X
Leads
115/16
35/16
2213/16
•
1.30
F-325X
12.6 CT
1.500
115/230
1,500
X
Leads
115/16
35/16
2213/16
•
1.30
F-44X#
12.6 CT
2.000
115
1,500
X
Leads
115/16
35/16
2213/16
•
1.25
F-344X
12.6 CT
2.000
115/230
1,500
X
Leads
115/16
35/16
2213/16
•
1.25
D
F-26X#
12.6 CT
2.500
115
1,500
X
Leads
29/32
311/16
231/8
•
1.55
F-326X
12.6 CT
2.500
115/230
1,500
X
Leads
29/32
311/16
231/8
•
1.55
F-224X#
12.6
3.000
115
1,500
X
Leads
21/4
33/4
21/8
31/8
•
1.60
F-225X#
12.6
4.000
115
1,500
X
Leads
25/8
421/16
39/16
•
2.30
F-3181U
12.6 CT
4.000
115/230
1,500
U
Leads
31/16
29/16
23/16
2
2
2.30
F-182U
12.6 CT
6.000
115
1,500
U
Leads
33/8
213/16
17/16
21/4
23/8
3.80
F-183U
12.6 CT
8.000
115
1,500
U
Leads
313/16
33/16
215/16
21/2
21/4
5.00
F-112X
14.0 CT
0.250
115
1,500
X
Leads
13/8
23/8
13/8
2
•
0.40
F-3112X
14.0 CT
0.250
115/230
1,500
X
Leads
13/8
23/8
11/2
2
•
0.30
F-250X
14.0 CT
1.000
115
1,500
X
leads
115/16
31/4
13/4
213/16
•
1.20
E
F-251X
14.0 CT
2.000
115
1,500
X
Leads
21/4
311/16
115/16
31/8
•
1.50
F-252U
14.0 CT
4.000
115
1,500
U
Leads
3
21/2
27/16
221/4
3.00
F-253U
14.0 CT
6.000
115
1,500
U
Leads
33/8
213/16
27/8
21/4
23/8
4.00
F-254X
20.0 CT
1.000
115
1,500
X
Leads
21/4
311/16
115/16
31/8
•
1.50
F-255X
20.0 CT
2.000
115
1,500
X
Leads
29/16
421/4
39/16
•
2.50
F-256U
20.0 CT
4.000
115
1,500
U
Leads
33/8
213/16
27/8
23/8
•
4.00
F
F-257U
20.0 CT
6.000
115
1,500
U
Leads
33/4
31/8
31/8
21/2
25/8
5.70
F-258U
20.0 CT
8.000
115
1,500
U
Leads
33/4
31/8
31/2
21/2
27/8
6.40
F-259U
20.0 CT
10.000
115
1,500
U
Leads
41/8
37/16
31/2
23/4
23/4
7.40
F-115X
24.0 CT
0.085
115
1,500
X
Leads
13/16
21/16
13/8
13/4
•
0.30
F-3115X
24.0 CT
0.085
115/230
1,500
X
Leads
13/16
21/16
13/8
13/4
•
0.30
F-116X
24.0 CT
0.200
115
1,500
X
Leads
13/8
23/8
11/2
2
•
0.45
F-3116X
24.0 CT
0.200
115/230
1,500
X
Leads
13/8
23/8
11/2
2
•
0.45
F-117X
24.0 CT
0.400
115
1,500
X
Leads
15/8
213/16
15/8
23/8
•
0.80
F-3117X
24.0 CT
0.400
115/230
1,500
X
Leads
15/8
213/16
11/2
23/8
•
0.75
F-118X
24.0 CT
0.700
115
1,500
X
Leads
2
31/4
2213/16
•
1.30
G
F-3118X
24.0 CT
0.700
115/230
1,500
X
Leads
2
31/4
2213/16
•
1.30
F-45X#
24.0 CT
1.000
115
1,500
X
Leads
115/16
35/16
2213/16
•
1.30
F-345X
24.0 CT
1.000
115/230
1,500
X
Leads
115/16
35/16
2213/16
•
1.30
F-46X#
24.0
1.000
115
1,500
X
Leads
115/16
31/4
21/8
213/16
•
1.40
F-229X#
24.0
2.000
115
1,500
X
Leads
29/16
42
39/16
•
2.30
F-192X
24.0 CT
2.000
115
1,500
X
Leads
219/32
421/4
39/16
•
2.30
F-193U
24.0 CT
4.000
115
1,500
U
Leads
213/16
31/8
213/16
21/2
21/8
4.00
F-260U
24.0 CT
6.000
115
1,500
U
Leads
33/4
31/8
31/2
21/2
27/8
6.40
F-261U
24.0 CT
8.000
115
1,500
U
Leads
41/8
37/16
31/2
23/4
23/4
7.40
F-401U
24.0 CT
10.000
115
1,500
U
Leads
41/8
37/16
33/4
23/4
3
8.00
F-226U#
24.0 CT
12.000
115
1,500
U
Leads
49/16
33/4
41/8
331/4
10.40
F-1000U
24.0 CT
21.000
115/230
1,500
U
Leads
49/16
33/4
41/8
331/4
10.40
:: Single S e c ondar y c o n tinued
# 60 Hz
†Tapped primary to produce lower voltages
CT = Center Tap Mounting hole sizes: U = 13/64 x 3/8" X = 3/16"
C ase
Ty p e X
C ase
Ty p e U
C ase
Ty p e Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com