Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB50 Datasheet(PDF) 1 Page - Allied Components International

Part # SMB50
Description  Surface Mount Beads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SMB50 Datasheet(HTML) 1 Page - Allied Components International

  SMB50 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB50
Surface Mount Beads
IMPEDANCE CURVE
Allied
Part
Number
SMB50-RC
Z @
25 MHz
Max
48
Z @
100 MHz
Max
72
DC
Resistance
(mΩ) Max
.09
All specifications subject to change without notice.
Physical
Packaging: SMB50 - 500 per 13 inch reel.
0.331±0.345
(8.40±8.75)
0.187±0.008
(2.41±2.67)
0.050
(1.27)
0.118±0.006
(3.00±0.15)
RoHS
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
Dimensions:
Inches
(mm)
0.053
(1.35)
12/19/12
0.115±01.26
(2.92±3.18)
1
10
100
1
10
100
1000
FREQUENCY(MHz
)


Similar Part No. - SMB50

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SMB500 GAMEWELL-FCI-SMB500 Datasheet
143Kb / 2P
Fault Isolator Module
SMB500 GAMEWELL-FCI-SMB500 Datasheet
516Kb / 4P
Addressable Control and Relay Modules
logo
Systemsensor advanced i...
SMB500 SYSTEMSENSOR-SMB500 Datasheet
123Kb / 4P
500 Series Intelligent Sensors with Integral Communications
logo
Shanghai Leiditech Elec...
SMB500 LEIDITECH-SMB500 Datasheet
106Kb / 1P
Ceramic Gas Discharge Tube
More results

Similar Description - SMB50

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SMB20-RC ALLIED-SMB20-RC Datasheet
249Kb / 1P
Surface Mount Beads
logo
XFMRS Inc.
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025 Datasheet
34Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025 Datasheet
32Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C9-853025 XFMRS-XFBPH-C9-853025 Datasheet
29Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025_10 Datasheet
66Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025 Datasheet
61Kb / 1P
SURFACE MOUNT BEADS
logo
Allied Components Inter...
SMB20-40 ALLIED-SMB20-40 Datasheet
237Kb / 1P
Surface Mount Beads
logo
XFMRS Inc.
XFBPH-C8-403025 XFMRS-XFBPH-C8-403025_15 Datasheet
61Kb / 1P
SURFACE MOUNT BEADS
XFBPH-C8-853025 XFMRS-XFBPH-C8-853025_15 Datasheet
68Kb / 2P
SURFACE MOUNT BEADS
XFBPH-C9-853025 XFMRS-XFBPH-C9-853025_15 Datasheet
29Kb / 1P
SURFACE MOUNT BEADS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com