Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT4148WN Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # CT4148WN
Description  Small signal switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

CT4148WN Datasheet(HTML) 1 Page - Compact Technology Corp.

  CT4148WN Datasheet HTML 1Page - Compact Technology Corp. CT4148WN Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CT4148WN
Small signal switching Diodes
FEATURES
Silicon epitaxial planar diode
included 0805 &0603
Fast switching diode.
MECHANICAL DATA
Case : 1206
Polarity : Color band denotes cathode
Weight : 0.01 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SMD chip pattern, available in various dimension
1 OF 2
CT4148WN
Foward Power Dissipation 400mW
PARAMETER
SYMBOL
Value
UNIT
Reverse voltage
VR
100
V
Peak reverse voltage
VRM
100
V
Forward continuous current
IFM
300
mA
Average rectified current sin half wave rectification with
resistive load
IF(av)
150
mA
Surge forward current t<1s and Tj=25℃
t<=8.3mS and Tj=25℃
IFSM
500
1000
mA
Forward voltage If=10mA
If=100mA
VF
1.0
1.25
V
Leakage current VR=20V
VR=75V
VR=20V, Tj=150℃
IR
25
5.0
50
nA
uA
uA
Capacitance VF=VR=0V
Ctot
4pF
Reverse recovery time
trr
4
nS
Power dissipation
Power derating above 25℃
Ptot
400
3.2
Typical thermal resistance junction to ambient
RΘja
375
K/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
mW
mW/℃


Similar Part No. - CT4148WN

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4148WP CTC-CT4148WP Datasheet
139Kb / 5P
Small signal chip diode
CT4148WSN CTC-CT4148WSN Datasheet
144Kb / 2P
Small signal switching Diodes
CT4148WSP CTC-CT4148WSP Datasheet
139Kb / 5P
Small cignal chip diode
More results

Similar Description - CT4148WN

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com