Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628512CLP-7SL Datasheet(PDF) 12 Page - Hitachi Semiconductor

Part # HM628512CLP-7SL
Description  4 M SRAM (512-kword x 8-bit)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628512CLP-7SL Datasheet(HTML) 12 Page - Hitachi Semiconductor

Back Button HM628512CLP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 11Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 12Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 13Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 14Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 15Page - Hitachi Semiconductor HM628512CLP-7SL Datasheet HTML 16Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
HM628512C Series
12
Low V
CC Data Retention Characteristics (Ta = –20 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions*
3
V
CC for data retention
V
DR
2—
—V
CS
≥ V
CC – 0.2 V, Vin ≥ 0 V
Data retention current
I
CCDR
—1*
4
50*
1
µAV
CC = 3.0 V, Vin ≥ 0 V
CS
≥ V
CC – 0.2 V
—1*
4
15*
2
µA
Chip deselect to data retention time
t
CDR
0
—
—
ns
See retention waveform
Operation recovery time
t
R
t
RC*
5
——
ns
Notes: 1. For L-version and 20
µA (max.) at Ta = –20 to +40°C.
2. For L-SL-version and 3
µA (max.) at Ta = –20 to +40°C.
3.
CS controls address buffer, WE buffer, OE buffer, and Din buffer. In data retention mode, Vin
levels (address,
WE, OE, I/O) can be in the high impedance state.
4. Typical values are at V
CC = 3.0 V, Ta = +25°C and specified loading, and not guaranteed.
5. t
RC = read cycle time.
Low V
CC Data Retention Timing Waveform (CS Controlled)
V
CC
4.5 V
2.2 V
0 V
CS
t
CDR
t
R
CS
≥ V
CC – 0.2 V
V
DR
Data retention mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com