Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16DW Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BAS16DW
Description  Fast Switching Surface Mount Si-Planar Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS16DW Datasheet(HTML) 1 Page - Diotec Semiconductor

  BAS16DW Datasheet HTML 1Page - Diotec Semiconductor BAS16DW Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16DW
BAS16DW
Fast Switching Surface Mount Si-Planar Diodes
Schnelle Si-Planar-Dioden für die Oberflächenmontage
Version 2014-08-19
Dimensions - Maße [mm]
Power dissipation – Verlustleistung
200 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
100 V
Plastic case – Kunststoffgehäuse
SOT-363
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
BAS16DW
Power dissipation − Verlustleistung
Ptot
200 mW 1)
Max. average forward current – Dauergrenzstrom (dc)
IFAV
200 mA 1)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
IFSM
1 A
2 A
Repetitive peak reverse voltage – Periodische Spitzensperrspannung
VRRM
100 V
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage 2)
Durchlass-Spannung 2)
IF = 1 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
VF
VF
VF
VF
< 715 mV
< 855 mV
< 1.0 V
< 1.25 V
Leakage current
Sperrstrom
Tj = 25°C
VR = 75 V
IR
< 1 µA
Tj = 150°C
Tj = 150°C
VR = 25 V
VR = 75 V
IR
IR
< 30 µA
< 50 µA
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
2 pF
Reverse recovery time – Sperrverzug
IF = 10 mA über/through IR = 10 mA bis/to IR = 1 mA
trr
< 4 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 620 K/W 1)
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
2.4
2 x 0.65
5
6
4
0.9±0.1
2
±0.1
Type
Code
3
2
1


Similar Part No. - BAS16DW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAS16DW DIOTEC-BAS16DW Datasheet
184Kb / 2P
SMD Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW Datasheet
151Kb / 2P
SMD Small Signal Diodes
BAS16DW DIOTEC-BAS16DW Datasheet
204Kb / 2P
SMD Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW Datasheet
365Kb / 3P
SMD Small Signal Diodes SMD Kleinsignal-Dioden
Version 2020-04-28
BAS16DW DIOTEC-BAS16DW_1 Datasheet
204Kb / 2P
SMD Small Signal Diode Arrays
More results

Similar Description - BAS16DW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAL99 DIOTEC-BAL99 Datasheet
115Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAW56W DIOTEC-BAW56W Datasheet
115Kb / 2P
Fast Switching Surface Mount Si-Planar Double Diodes
LL4148 DIOTEC-LL4148_07 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS16 DIOTEC-BAS16_09 Datasheet
124Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAS19 DIOTEC-BAS19_11 Datasheet
118Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_11 Datasheet
96Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
93Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS16DW DIOTEC-BAS16DW_15 Datasheet
126Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
BAS19 DIOTEC-BAS19_15 Datasheet
120Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com