Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMQA22VT Datasheet(PDF) 6 Page - ON Semiconductor

Part # MMQA22VT
Description  MMQA, SZMMQA Quad Common Anode Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA22VT Datasheet(HTML) 6 Page - ON Semiconductor

  MMQA22VT Datasheet HTML 1Page - ON Semiconductor MMQA22VT Datasheet HTML 2Page - ON Semiconductor MMQA22VT Datasheet HTML 3Page - ON Semiconductor MMQA22VT Datasheet HTML 4Page - ON Semiconductor MMQA22VT Datasheet HTML 5Page - ON Semiconductor MMQA22VT Datasheet HTML 6Page - ON Semiconductor MMQA22VT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMQA, SZMMQA Quad Common Anode Series
http://onsemi.com
6
DEVICE MARKING AND ORDERING INFORMATION
Device*
Device Marking
Package
Shipping
MMQA5V6T1
5A6
SC−74
3,000/Tape & Reel
MMQA6V2T1
6A2
SC−74
3,000/Tape & Reel
MMQA6V2T3
6A2
SC−74
10,000/Tape & Reel
MMQA6V8T1
6A8
SC−74
3,000/Tape & Reel
MMQA12VT1
12A
SC−74
3,000/Tape & Reel
MMQA13VT1
13A
SC−74
3,000/Tape & Reel
MMQA15VT1
15A
SC−74
3,000/Tape & Reel
MMQA18VT1
18A
SC−74
3,000/Tape & Reel
MMQA20VT1
20A
SC−74
3,000/Tape & Reel
MMQA20VT3
20A
SC−74
10,000/Tape & Reel
MMQA21VT1
21A
SC−74
3,000/Tape & Reel
MMQA22VT1
22A
SC−74
3,000/Tape & Reel
MMQA24VT1
24A
SC−74
3,000/Tape & Reel
MMQA27VT1
27A
SC−74
3,000/Tape & Reel
MMQA27VT3
27A
SC−74
10,000/Tape & Reel
MMQA33VT1
33A
SC−74
3,000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
*Include SZ-prefix devices where applicable.
Mechanical Characteristics:
CASE: Void−free, Transfer−molded, Thermosetting Plastic Case.
FINISH: Corrosion resistant finish, easily solderable.
Package designed for optimal automated board assembly.
Small package size for high density applications.
Available in 8 mm Tape and Reel.
Use the Device Number to order the 7 inch/3,000 unit reel.
Replace the “T1” with “T3” in the Device Number to order the 13 inch/10,000 unit reel.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com