Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS520 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # PPS520
Description  Surface Mount Schottky Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PPS520 Datasheet(HTML) 1 Page - Diotec Semiconductor

  PPS520 Datasheet HTML 1Page - Diotec Semiconductor PPS520 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PPS560, PPS5100
PPS560, PPS5100
Surface Mount Schottky Rectifier Diodes
Schottky-Gleichrichterdioden für die Oberflächenmontage
Version 2014-08-21
Dimensions - Maße [mm]
Nominal Current
Nennstrom
5 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
60...100 V
Plastic case
Kunststoffgehäuse
PowerSMD
Weight approx.
Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Green Molding
Standard Lieferform gegurtet auf Rolle
Halogen-Free
Features
Vorteile
Compatible to industry standard packages
Kompatibel zu industrieüblichen Gehäusen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repet. / Surge peak rever. voltage
Periodische- / Spitzen-Sperrspg.
VRRM [V] / VRSM [V]
Forward Voltage
Durchlass-Spannung
VF [V] Tj = 125°C 1)
Forward Voltage
Durchlass-Spannung
VF [V] Tj = 25°C 1)
IF = 2 A
IF = 5 A
IF = 2 A
IF = 5 A
PPS560
60
tbd
tbd
< tbd
< 0.69
PPS5100
100
tbd
tbd
< tbd
< 0.88
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 100°C
IFAV
20A 2)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
150/165 A 2)
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
112 A2s 2)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Both anode pins connected – Beide Anodenanschlüsse kontaktiert
© Diotec Semiconductor AG
http://www.diotec.com/
1
4.0
±0.2
0.6
0.3
±0.1
1.1
±0.2
0.9
1.8±0.1
LYYWW
0.8±0.15
1.84
1.3
±0.2
3.0
±0.1


Similar Part No. - PPS520

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PPS520 DIOTEC-PPS520 Datasheet
159Kb / 2P
SMD Schottky Barrier Rectifier Diodes
PPS520 DIOTEC-PPS520_17 Datasheet
159Kb / 2P
SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - PPS520

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SGL34-20 DIOTEC-SGL34-20_11 Datasheet
101Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_11 Datasheet
120Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420 Datasheet
109Kb / 2P
Surface Mount Schottky Rectifier Diodes
PPS1520 DIOTEC-PPS1520 Datasheet
150Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK12 DIOTEC-SK12_14 Datasheet
119Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK32SMA DIOTEC-SK32SMA_13 Datasheet
121Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK52 DIOTEC-SK52_14 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK82 DIOTEC-SK82_14 Datasheet
113Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK310SMB DIOTEC-SK310SMB Datasheet
97Kb / 2P
Surface Mount Schottky Rectifier Diodes
SK420 DIOTEC-SK420_14 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com