Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSM88ASR Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HSM88ASR
Description  Silicon Schottky Barrier Diode for Balanced Mixer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSM88ASR Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSM88ASR Datasheet HTML 1Page - Hitachi Semiconductor HSM88ASR Datasheet HTML 2Page - Hitachi Semiconductor HSM88ASR Datasheet HTML 3Page - Hitachi Semiconductor HSM88ASR Datasheet HTML 4Page - Hitachi Semiconductor HSM88ASR Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSM88ASR
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
10
V
Average rectified current
I
O
15
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F1
350
—
420
mV
I
F = 1 mA
V
F2
500
—
580
I
F = 10 mA
Reverse current
I
R1
—
—
0.2
µAV
R = 2V
I
R2
——10
V
R = 10V
Capacitance
C
—
—
0.85
pF
V
R = 0V, f = 1 MHz
Capacitance deviation
∆C
—
—
0.10
pF
V
R = 0V, f = 1 MHz
Forward voltage deviation
∆V
F
——10
mV
I
F = 10 mA
ESD-Capability
*1
Å\
30
—
—
V
C=200pF , Both forward and reverse
direction 1 pulse.
Notes
1. Failure criterion ; IR
≥ 400nA at VR =2 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com