Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5040-ASST Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 12Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 13Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 14Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 15Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 16Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 17Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 18Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 19Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
15 - 33
Table 5: PWM Signal Parameters
Parameter
Symbol
Typ
Unit
Note
PWM frequency
fPWM
0.9756
kHz
Signal period: 1025µs
MIN pulse width
PWMIN
1
µs
- Position 0d
- Angle 0 deg
MAX pulse width
PWMAX
1024
µs
- Position 1023d
- Angle 359,65 deg
10 Analog Output
An analog output may be generated by averaging the PWM signal, using an external active or passive lowpass filter.
The analog output voltage is proportional to the angle: 0°= 0V; 360° = VDD5V.
Using this method, the AS5040 can be used as direct replacement of potentiometers.
Figure 11: Simple Passive 2
nd Order Lowpass Filter
R1,R2
≥ 4k7
C1,C2
≥ 1µF / 6V
R1 should be
≥4k7 to avoid loading of the PWM output. Larger values of Rx and Cx will provide better filtering and
less ripple, but will also slow down the response time.
11 Brushless DC Motor Commutation Mode
Brushless DC motors require angular information for stator commutation. The AS5040 provides U-V-W commutation
signals for one and two pole pair motors. In addition to the three-phase output signals, the step (LSB) output at pin 12
allows high accuracy speed measurement. Two resolutions (9 or 10 bit) can be selected by programming Div0
according to Table 6.
Mode 3.0 (3.1) is used for brush-less DC motors with one-pole pair rotors. The three phases (U, V, W) are 120
degrees apart, each phase is 180 degrees on and 180 degrees off.
Mode 3.2 (3.3) is used for motors with two pole pairs requiring a higher pulse count to ensure a proper current
commutation. In this case the pulse width is 256 positions, equal to 90 degrees.
The precise physical angle at which the U, V and W signals change state (“Angle” in Figure 12 and Figure 13) is
calculated by multiplying each transition position by the angular value of 1 count:
Angle [deg] = Position x (360 degree / 1024)
360°
C1
R1
R2
analog out
C2
Pin12
PWM
Pin7
VSS
0V
2
VDD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com