Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-TDA7375V Datasheet(PDF) 4 Page - STMicroelectronics

Part # E-TDA7375V
Description  2 x 35W dual/quad power amplifier for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7375V Datasheet(HTML) 4 Page - STMicroelectronics

  E-TDA7375V Datasheet HTML 1Page - STMicroelectronics E-TDA7375V Datasheet HTML 2Page - STMicroelectronics E-TDA7375V Datasheet HTML 3Page - STMicroelectronics E-TDA7375V Datasheet HTML 4Page - STMicroelectronics E-TDA7375V Datasheet HTML 5Page - STMicroelectronics E-TDA7375V Datasheet HTML 6Page - STMicroelectronics E-TDA7375V Datasheet HTML 7Page - STMicroelectronics E-TDA7375V Datasheet HTML 8Page - STMicroelectronics E-TDA7375V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TDA7375V
4/15
4
STANDARD TEST AND APPLICATION CIRCUIT
Figure 4. Quad Stereo
Figure 5. Double Bridge
Figure 6. Stereo/Bridge
C1 0.22
μF
1
DIAGNOSTICS
4
7
C10 2200
μF
D94AU063A
C7
10
μF
10K R1
ST-BY
IN FL
C2 0.22
μF
IN FR
5
C4 0.22
μF
12
IN RL
C3 0.22
μF
IN RR
11
C8 47
μF
6
13
C5
1000
μF
C6
100nF
3
VS
C9 2200
μF
2
15
C11 2200
μF
C12 2200
μF
14
OUT FL
OUT FR
OUT RL
OUT RR
89
10
Note:
C9, C10, C11, C12 could be reduced
if the 2W operation is not required.
C1 0.47
μF
1
DIAGNOSTICS
4
7
D94AU064A
C5
10
μF
10K R1
ST-BY
IN L
C2 0.47
μF
5
12
IN R
11
C8 47
μF
6
13
C3
1000
μF
C4
100nF
3
VS
2
15
14
OUT L
89
10
OUT R
0.22
μF
1
DIAGNOSTICS
4
7
D94AU065A
10
μF
10K
ST-BY
IN L
0.47
μF
5
IN BRIDGE
12
47
μF
6
13
1000
μF
100nF
3
VS
2
15
14
OUT L
89
10
OUT
BRIDGE
11
0.22
μF
IN L
OUT R
2200
μF
2200
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com