Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPSC4H065D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC4H065D
Description  650 V power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC4H065D Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC4H065D Datasheet HTML 1Page - STMicroelectronics STPSC4H065D Datasheet HTML 2Page - STMicroelectronics STPSC4H065D Datasheet HTML 3Page - STMicroelectronics STPSC4H065D Datasheet HTML 4Page - STMicroelectronics STPSC4H065D Datasheet HTML 5Page - STMicroelectronics STPSC4H065D Datasheet HTML 6Page - STMicroelectronics STPSC4H065D Datasheet HTML 7Page - STMicroelectronics STPSC4H065D Datasheet HTML 8Page - STMicroelectronics STPSC4H065D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPSC4H065
2/10
DocID023598 Rev 3
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.35 x IF(AV) + 0.288 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
650
V
IF(RMS)
Forward rms current
22
A
IF(AV)
Average forward current
Tc = 145 °C
(1), DC
1.
Value based on Rth(j-c) max.
4
A
IFSM
Surge non repetitive forward
current
tp = 10 ms sinusoidal, Tc = 25 °C
tp = 10 ms sinusoidal, Tc = 125 °C
tp = 10 µs square, Tc = 25 °C
38
35
200
A
IFRM
Repetitive peak forward current
Tc = 145 °C
(1), T
j = 175 °C,  = 0.1
11
A
Tstg
Storage temperature range
-55 to +175
°C
Tj
Operating junction temperature(2)
2.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to +175
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Typ.
Max.
Rth(j-c)
Junction to case
1.8
2.7
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
tp = 10 ms,  < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
-3
40
µA
Tj = 150 °C
-
35
170
VF
(2)
2.
tp = 500 µs,  < 2%
Forward voltage drop
Tj = 25 °C
IF = 4 A
-
1.56
1.75
V
Tj = 150 °C
-
1.98
2.5
Table 5. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Unit
Qcj
(1)
1.
Most accurate value for the capacitive charge:
Total capacitive charge
VR = 400 V
12.5
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
200
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
21
dPtot
dTj
---------------
1
Rth j
a
–

--------------------------
Q =
cj(vR).dvR
cj
∫
VOUT
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com