Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF-11 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # P2CF-11
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-11 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button P2CF-11 Datasheet HTML 14Page - Omron Electronics LLC P2CF-11 Datasheet HTML 15Page - Omron Electronics LLC P2CF-11 Datasheet HTML 16Page - Omron Electronics LLC P2CF-11 Datasheet HTML 17Page - Omron Electronics LLC P2CF-11 Datasheet HTML 18Page - Omron Electronics LLC P2CF-11 Datasheet HTML 19Page - Omron Electronics LLC P2CF-11 Datasheet HTML 20Page - Omron Electronics LLC P2CF-11 Datasheet HTML 21Page - Omron Electronics LLC P2CF-11 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
E2C/E2C-H
Dimensions
Main Units
Sensor
(Unit: mm)
Tolerance class IT16 applies to dimensions in this data sheet unless otherwise specified.
15
3.5 dia. *
3.5 dia.
*E2C-CR8B: Diameter is 3.8.
2.5-dia. coaxial cable (50
Ω) with 1 conductor
(Conductor cross section: 0.14 mm
2),
Standard length: 3 m
E2C-CR8A/-CR8B
M5
× 0.5
8
15
9.7 dia.
18
4
2.5-dia. coaxial cable (50
Ω) with 1
conductor (Conductor cross section:
0.14 mm
2), Standard length: 3 m
E2C-X1A
5.4 dia.
18
2.5-dia. coaxial cable (50
Ω) with 1 conductor (Conductor
cross section: 0.14 mm
2), Standard length: 3 m
E2C-C1A
3
15
13
15 dia.
18
M8
× 1
4
2.5-dia. coaxial cable (50
Ω) with 1
conductor (Conductor cross
section: 0.14 mm
2), Standard
length: 3 m (Material: Fluororesin)*
E2C-X1R5A
E2C-X1R5AH*
M12
× 1
15
21 dia.
17
18
4
2.5-dia. coaxial cable (50
Ω) with 1
conductor (Conductor cross
section: 0.14 mm
2), Standard
length: 3 m (Material: Fluororesin)*
E2C-X2A
E2C-X2AH*
E2C-X5A
E2C-X5AH*
M18
× 1
24
29 dia.
4
27
30
2.5-dia. coaxial cable (50
Ω) with
1 conductor (Conductor cross
section: 0.14 mm
2), Standard
length: 3 m (Material: Fluororesin)*
5
36
37
40
M30
× 1.5
42 dia.
5.5-dia. coaxial cable (50
Ω) with
1 conductor (Conductor cross
section: 0.5 mm
2), Standard
length: 3 m
E2C-X10A
4
22
25
50
M18
× 1
40 dia.
5.5-dia. coaxial cable (50
Ω) with 7
conductors (Conductor cross section:
0.5 mm
2), Standard length: 3 m
E2C-C20MA
Model
F (mm)
Model
F (mm)
Model
F (mm)
E2C-CR8A
3.7-dia.
E2C-X1A
5.4-dia.
E2C-X5A
18.5-dia.
E2C-CR8B
4.0-dia.
E2C-X1R5A
8.5-dia.
E2C-X10A
30.5-dia.
E2C-C1A
5.7-dia.
E2C-X2A
12.5-dia.
E2C-C20MA
18.5-dia.
+0.3
0
+0.5
0
+0.5
0
+0.3
0
+0.5
0
+0.5
0
+0.3
0
+0.5
0
+0.5
0
F
Mounting Hole Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com