Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-82 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PCM-82
Description  Your search criteria matched only one product, shown below
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCM-82 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PCM-82 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Search Results
Home > Products Overview > Search Results >
Current refinements (click
to remove)
Search Tips
Text Search: 'PCM-82'
Your search criteria matched only one product, shown below
PCM-82
Suffix numbers are used to extend numbers or to create alpha -numeric cods. For example,
adding suffix number 10 to number 700 creates 70010.
• Marker cards printed in a variety of legends allows 'kitting' for project builds
• Plastic liner provides easy removal of markers while protecting unused markers
Part Number
PCM-82
RoHS Compliancy Status
Compliant
Part Description
Wire Marker Card, Vinyl Cloth, '82'
Material
Vinyl cloth
Length (In.)
1.50
Length (mm)
38.10
Width (In.)
.25
Width (mm)
6.40
Color (Legend/Background)
Black/White
Legend
82
Markers Per Card
36
Max. Wire O.D. (In.)
0.38
Max. Wire O.D. (mm)
9.5
Pricing Description
Pre-Printed WM Card, Vinyl Cloth, .22" W x 1.38" L, 82 legend only
Min. Order UOM
CG
Min. Order Qty.
5
BOM Qty. (# of Pkgs.)
0
0
Add to Favorite Product List
g
fe
d
c
Please register to utilize the 'Bill of Materials', 'Submit Quotes' and 'Favorite Product List' features.
Home| Industries | Solutions | Products | Partners | Support | Contact Us | Site Map| Careers
Copyright © 1995-2009, PANDUIT CORP. All rights reserved. |
Legal Information| Privacy Policy
Evaluate
- FAQ's
How to Buy
- Bill of Material
- Favorite Products List
- Locate Distributor
Home
Industries
Solutions
Products
Partners
Support
About Us
Careers
-Search-
Entire Site


Similar Part No. - PCM-82

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-8200 AAEON-PCM-8200 Datasheet
691Kb / 1P
Supports Socket 478 Intel짰 Pentium짰 M/ Celeron짰 M Processors, Onboard Low Voltage Intel짰 Pentium짰 M Processor
More results

Similar Description - PCM-82

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CD-525 PANDUIT-CD-525 Datasheet
105Kb / 1P
Your search criteria matched only one product, shown below
logo
List of Unclassifed Man...
SE25P-TR0 ETC2-SE25P-TR0 Datasheet
54Kb / 1P
Your search criteria matched only one product, shown below
logo
PANDUIT CORP.
PCM-45 PANDUIT-PCM-45 Datasheet
100Kb / 1P
Your search criteria matched only one product, shown below
PCM-Q PANDUIT-PCM-Q Datasheet
100Kb / 1P
Your search criteria matched only one product, shown below
PCM-67 PANDUIT-PCM-67 Datasheet
100Kb / 1P
Your search criteria matched only one product, shown below
PDL-4 PANDUIT-PDL-4 Datasheet
74Kb / 1P
Your search criteria matched only one product, shown below
PDL-12 PANDUIT-PDL-12 Datasheet
74Kb / 1P
Your search criteria matched only one product, shown below
PCA23-0 PANDUIT-PCA23-0 Datasheet
71Kb / 1P
Your search criteria matched only one product, shown below
PDL-2 PANDUIT-PDL-2 Datasheet
77Kb / 2P
Your search criteria matched only one product, shown below
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com