Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD20010-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD20010-E
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD20010-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD20010-E Datasheet HTML 1Page - STMicroelectronics PD20010-E Datasheet HTML 2Page - STMicroelectronics PD20010-E Datasheet HTML 3Page - STMicroelectronics PD20010-E Datasheet HTML 4Page - STMicroelectronics PD20010-E Datasheet HTML 5Page - STMicroelectronics PD20010-E Datasheet HTML 6Page - STMicroelectronics PD20010-E Datasheet HTML 7Page - STMicroelectronics PD20010-E Datasheet HTML 8Page - STMicroelectronics PD20010-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
May 2012
Doc ID 15514 Rev 2
1/13
13
PD20010-E
RF power transistor, LdmoST plastic family
N-channel enhancement-mode lateral MOSFETs
Datasheet — production data
Features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 10 W with 11 dB gain @ 2 GHz / 13.6 V
■ Plastic package
■ ESD protection
■ In compliance with the 2002/95/EC European
directive
Description
The PD20010-E is a common source N-Channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broadband
commercial and industrial applications. It
operates at 13.6 V in common source mode at
frequencies of up to 1 GHz. PD20010-E boasts
the excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in the first true
SMD plastic RF power package, PowerSO-10RF.
PD20010-E’s superior linearity performance
makes it an ideal solution for car mobile radio.
The PowerSO-10 plastic package, designed to
offer high reliability, is the first ST JEDEC
approved, high power SMD package. It has been
specially optimized for RF needs and offers
excellent RF performances and ease of assembly.
Figure 1.
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
Table 1.
Device summary
Order codes
Packages
Packing
PD20010-E
PowerSO-10RF (formed lead)
Tube
PD20010S-E
PowerSO-10RF (straight lead)
Tube
PD20010TR-E
PowerSO-10RF (formed lead)
Tape and reel
PD20010STR-E
PowerSO-10RF (straight lead)
Tape and reel
www.st.com


Similar Part No. - PD20010-E

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD20012 NIEC-PD20012 Datasheet
204Kb / 3P
DIODE MODULE 200A/1200 to 1600V
PD20012 NIEC-PD20012 Datasheet
153Kb / 2P
200A Avg 1200 1600 Volts
logo
STMicroelectronics
PD20015-E STMICROELECTRONICS-PD20015-E Datasheet
352Kb / 16P
RF power transistor, LdmoST family
29-May-2012
PD20015C STMICROELECTRONICS-PD20015C Datasheet
155Kb / 9P
RF power transistor, LdmoST family
14-Apr-2009
PD20015S-E STMICROELECTRONICS-PD20015S-E Datasheet
352Kb / 16P
RF power transistor, LdmoST family
29-May-2012
More results

Similar Description - PD20010-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Aug-2007
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD85015-E STMICROELECTRONICS-PD85015-E Datasheet
251Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
06-Jul-2009
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
03-Jun-2010
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com