Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-C4 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PCM-C4
Description  Pre-Printed Marker Cards PCM Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PCM-C4 Datasheet(HTML) 2 Page - PANDUIT CORP.

  PCM-C4 Datasheet HTML 1Page - PANDUIT CORP. PCM-C4 Datasheet HTML 2Page - PANDUIT CORP. PCM-C4 Datasheet HTML 3Page - PANDUIT CORP. PCM-C4 Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
mm
In.
mm
In.
Std.
Ctn.
Card(s)
Std.
Pkg.
Card(s)
Markers
Per
Card
Length
Width
Legend
Part Number
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
PCM-A1
Pre-Printed Marker Cards
PCM Type (continued)
Table continues on page E3.6
PCM-A
A
0.25
6.35
1.50
38.1
36
25
100
thru
thru
PCM-Z
Z
PCM-A-Z
A thru Z
0.25
6.35
1.50
38.1
25
100
PCM-A-Z-0-9
A thru Z
0 thru 9
0.25
6.35
1.50
38.1
25
100
PCM-A1
A1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-A4
A4
PCM-B1
B1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-B5
B5
PCM-C1
C1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-C4
C4
PCM-E1
E1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-E3
E3
PCM-F1
F1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-F4
F4
PCM-H1
H1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-H5
H5
PCM-L1
L1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-L5
L5
PCM-M1
M1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-M2
M2
PCM-P1
P1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-P3
P3
PCM-R1
R1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-R5
R5
PCM-S1
S1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-S5
S5
PCM-T1
T1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-T9
T9
PCM-X1
X1
0.25
6.35
1.50
38.1
25
100
thru
thru
PCM-X4
X4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com