Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNCD6.2B Datasheet(PDF) 3 Page - NEC

Part # NNCD6.2B
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD6.2B Datasheet(HTML) 3 Page - NEC

  NNCD6.2B Datasheet HTML 1Page - NEC NNCD6.2B Datasheet HTML 2Page - NEC NNCD6.2B Datasheet HTML 3Page - NEC NNCD6.2B Datasheet HTML 4Page - NEC NNCD6.2B Datasheet HTML 5Page - NEC NNCD6.2B Datasheet HTML 6Page - NEC NNCD6.2B Datasheet HTML 7Page - NEC NNCD6.2B Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NNCD3.3B to NNCD12B
3
TYPICAL CHARACTERISTICS (TA = 25
°C)
10 mm
= 5 mm
= 10 mm
0
40
80
120
160
200
20
60
100
140
180
600
500
400
300
200
100
0
P.C Board
3 mm
t = 0.035 mm
φ
P.C Board
7 mm
t = 0.035 mm
TA - Ambient Temperature - °C
= 10 mm
= 5 mm
0
20406080
100
600
500
400
300
200
100
0
S - Size of P.C Board - mm2
Junction to
anbient
S
Fig. 1 POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Fig. 2 THERMAL RESISTANCE vs.
SIZE OF P.C BOARD
02468
13579
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
VBR - Breakdown Voltage - V
0
8
10
12
14
7
9
11
13
15
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
VBR - Breakdown Voltage - V
NNCD9.1B
NNCD8.2B
NNCD7.5B
NNCD6.8B
NNCD6.2B
TA = 25 °C
TYP.
TA = 25 °C
TYP.
NNCD5.1B
µ
µ
µ
µ
µ
µ
NNCD5.6B
NNCD3.3B
NNCD3.6B
NNCD3.9B
NNCD4.3B
NNCD4.7B
NNCD11B
NNCD12B
NNCD10B
Fig. 3 IT - VBR CHARACTERISTICS
Fig. 4 IT - VBR CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com