Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1132A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1132A
Description  SPACE WAR LCD Game
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1132A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1132A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1132A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1132A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1132A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1132A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1132A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1132A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1132A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1132A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Functional Description
Key description
• RESET
This key can clear the memory and registers
to zero or restore the default value in the
system. The internal program can be reiniti-
ated.
• START/ON
This key can restart the game at any time.
However, the highest score record will be
saved.
• PAUSE
Pressing this key at any time temporarily
stops the on-going game. The screen will re-
main still and the sound effects will be
switched off. If it is pressed again, the game
continues.
• MUSIC
This key can turn off the melody sound effects
without influence on the game. Press it again,
and the music resumes.
• ATTACK
This key is to fire the player’s laser beam. It
has no effect when player’s laser beam does
not hit enemy’s space shuttle or before it dis-
appears.
• JOINT
When force enhancement machine is shifted
to the bottom, move the player’s space shuttle
to the extreme right, and then press this key.
The player’s space shuttle is with enhanced
power.
• OFF
Pressing this key at any time will stop the
system and remain in the HALT condition.
However, the highest score recorded will be
saved.
• LEFT
Pressing this key moves the player’s space
shuttle to the left.
• RIGHT
Pressing this key moves the player’s space
shuttle to the right.
♦ LCD test pattern
First, press the ATTACK Key and hold it,
then press RESET or the START/ON Key.
All the pattern dots are shown on the
screen. When the ATTACK Key is released,
the game program is executed.
♦ Auto off function key
When PPO of Port P is connected to VDD, it
automatically turns off after two minutes of
no activity. When PPO is connected to GND,
it automatically turns off after four minutes
of no activity. (*PPO cannot be floating)
Operational description
• MODE
There are two modes: MODE 1 and MODE 2.
When the RIGHT Key is pressed and then the
RESET or START/ON Key is pressed, it gets
into MODE2, otherwise MODE1.
• MODE1
♦ START/ON Key is pressed and MODE1 is
on. Highest stage and highest score are
shown on the screen. The game starts from
level 1-1; the score is counting from 0000;
and the player’s space shuttle appears.
HT1132A
2
17th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com