Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1136A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1136A
Description  Football LCD Game
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1136A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1136A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1136A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
• The contest starts from positions in section 3.
During the contest, UP, DOWN, LEFT,
RIGHT, PASS, and KICK keys can be selected
for attack or defense. Each side’s team mem-
ber can move to the next section (but cannot
go backward) only in offense. At player’s pen-
alty area, press the left or the right key to
move the player’s goal keeper to protect the
goal. When the player is in the opponent’s
penalty area, the shot to the goal cannot be
controlled.
• When time is up and the score is even, a
penalty kick contest decides the winner. Each
side has 5 shots at goal. If any side wins over
3 balls, then the PK contest is over. If the 5
penalty shots are taken, and the score is still
even, each side is given one more deciding
penalty kick. During the PK contest, the
RIGHT or the LEFT key can be held and then
press the KICK key to do goal shooting to the
desired direction.
• When the player wins at the 5th, 10th, and
15th half, a championship cup is shown on the
screen and music is played. Whenever the
championship cup appears, the pace of the
remaining contest becomes faster.
• When the game is over, and the total of all the
games exceeds the current highest score re-
cord, the new total will replace this. When
GAME OVER is shown on the screen and if
START/ON or OFF key is not pressed, after
two minutes it automatically goes into the
OFF condition.
Counting method
When a goal is scored, one point is awarded.
The score is displayed as a ratio. The left score
is the player’s and the right score is the oppo-
nent’s. The highest score is shown by “half” to
indicate the highest winning half.
Sound effects
• Game starting music
• Short whistle sound
• Team member moving sound
• Ball moving sound
• Pass through to the next level sound
• Long whistle sound
• Changing screen sound
• Game over sound
• Winning championship cup sound
HT1136A
4
17th Nov ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com