Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT113RA Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT113RA
Description  Poker and Black Jack LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113RA Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT113RA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113RA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Functional Description
Key description
• RESET
When this key is pressed, the whole system
restarts and the score and game round are
cleared to zero. When the RESET key and
ON/OFF key are pressed at the same time,
and then the RESET key is released, all the
pattern dots are shown on the screen. This
function is for LCD testing.
• ON/OFF
This key is pressed to turn the power on.
When pressed again, the power is turned off.
• MUTE
This key puts the music in the OFF mode.
When pressed again, the music resumes.
• GAME
This key is for game selection. When this key
is pressed, the player can choose either Poker
or Black Jack. The device is initially set with
Black Jack as the default game whenever the
system is activated.
• STAND/DEAL
This key is used to start a game or to deal the
cards. When it is in the DEMO mode, pressing
this key starts a game. On the other hand,
when the game is in progress, it deals the
cards.
• KEY1~KEY5
When
betting
POKER
BLACK
JACK
KEY1 VOID
HOLD1
INSURANCE
KEY2 VOID
HOLD2/
SMALL
SPLIT
KEY3 VOID
HOLD3/
DOUBLE
DOUBLE
KEY4 BET_D
HOLD4/
BIG
STAND
KEY5 BET_U
HOLD5/
TAKE
VOID
There are three different conditions for betting:
• DEAL
When this key is pressed, the bets must have
already been made. The cards then start to be
dealt. At this time, if the player fails to press
BET_U or BET_D, pressing DEAL may re-
store his/her previous bet, which is pre-set to 1.
• BET_U
By pressing this key, the screen changes to
display the bets in place of the current stake.
However, pressing this key will increase the
betting score by 1 (100 is the maximum) when
the bets are already on the screen.
• BET_D
By pressing this key, the screen changes to dis-
play the bets in place of the current stake. How-
ever, pressing this key will decrease the betting
by 1 (1 is the minimum bet) when the bets are
already on the screen.
• POKER GAME
♦ DEAL
After selecting which cards to bet on, press-
ing this key begins re-dealing the cards to
the unselected positions (see following for
selection).
♦ HOLD1~HOLD5
HOLD1 (KEY1) is situated at the left most
side, and HOLD5 at the right most side.
Given that order, KEY1~KEY5 are ar-
ranged from left to right to correspond with
the LCD pad.
♦ SMALL
This key is pressed when the player guess
that the card value is less than 7.
♦ BIG
This key is pressed when the player guess
that the card value is greater than 7.
HT113RA
2
2nd Dec ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com