Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9902090CW Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 9902090CW
Description  Dual Output Hall Effect Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

9902090CW Datasheet(HTML) 2 Page - Bel Fuse Inc.

  9902090CW Datasheet HTML 1Page - Bel Fuse Inc. 9902090CW Datasheet HTML 2Page - Bel Fuse Inc. 9902090CW Datasheet HTML 3Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BEI
BEI
BEI
BEI
S E N S O R S & S Y S T E M S C O M P A N Y
DUNCAN ELECTRONICS DIVISION
15771 Red Hill Avenue
Tustin, CA 92780-7303
Phone: (714)258-7500
Fax: (714)258-8120
Dual Output Hall Effect Sensor
TYPICAL SENSOR OUTPUTS
Features:
•
Rotating magnet / fixed sensor configuration provides improved accuracy and reliability
•
Two independent outputs for redundancy
•
Fully programmable outputs; programmable offset, gain, slope,
and temperature compensation
•
Sintered magnets provide excellent temperature stability and
corrosion resistance
•
Ratiometric output
•
One time programming through connector (at Duncan) provides
high accuracy
•
Fully sealed construction
•
Extended temperature range: -40° to +125°C available optionally
•
Can be provided with or without return spring
•
Clockwise or counterclockwise options available
Mechanical Specifications
Mechanical Travel
-90° to +90°
Frequency Response
1,000Hz minimum
Weight
40 grams maximum
Electrical Specifications
Mechanical Input Range
-45° to +45° (-60° to +60° range available as a custom option)
Input Voltage
5.0 V
±0.25V DC
Input Current
10mA maximum per output
20mA maximum total
Sensor 1 Output
0.5V - 4.5V
Sensor 2 Output
0.25V – 2.25V
(Different output voltage range for sensor outputs available as a custom option)
Accuracy
±2.0% of full scale at room temperature
±3.0% of full scale over operating temperature range
Resolution
Analog (continuous)
Environmental Specifications
Electromagnetic Compatibility
100V/meter, 14kHz – 1GHz range
Vibration
5G peak, 60 – 2,000 Hz
Shock
50Gs, half sine pulse, 5 m sec duration
Operating temperature range
-40°C to +85°C
(wider operating temperature –40° to +125°C available as a custom option)
Storage temperature range
-55°C to +105°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com