Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT12F Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT12F
Description  2 12 Series of Decoders
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12F Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT12F Datasheet HTML 1Page - Holtek Semiconductor Inc HT12F Datasheet HTML 2Page - Holtek Semiconductor Inc HT12F Datasheet HTML 3Page - Holtek Semiconductor Inc HT12F Datasheet HTML 4Page - Holtek Semiconductor Inc HT12F Datasheet HTML 5Page - Holtek Semiconductor Inc HT12F Datasheet HTML 6Page - Holtek Semiconductor Inc HT12F Datasheet HTML 7Page - Holtek Semiconductor Inc HT12F Datasheet HTML 8Page - Holtek Semiconductor Inc HT12F Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
212 Series of Decoders
Selection Table
Function Address
No.
Data
VT Oscillator
Trigger
Package
Part No.
No.
Type
HT12D
8
4
L
Ö
RC oscillator DIN active ²Hi² 18 DIP/20 SOP
HT12F
12
0
¾Ö
RC oscillator DIN active ²Hi² 18 DIP/20 SOP
Notes: Data type: L stands for latch type data output.
VT can be used as a momentary data output.
1
July 12, 1999
General Description
The 2
12 decoders are a series of CMOS LSIs for
remote control system applications. They are
paired with Holtek¢s2
12 series of encoders (re-
fer to the encoder/decoder cross reference ta-
ble). For proper operation, a pair of
encoder/decoder with the same number of ad-
dresses and data format should be chosen.
The decoders receive serial addresses and data
from a programmed 2
12 series of encoders that
are transmitted by a carrier using an RF or an
IR transmission medium. They compare the se-
rial input data three times continuously with
their local addresses. If no error or unmatched
codes are found, the input data codes are de-
coded and then transferred to the output pins.
The VT pin also goes high to indicate a valid
transmission.
The 2
12 series of decoders are capable of decod-
ing informations that consist of N bits of ad-
dress and 12-N bits of data. Of this series, the
HT12D is arranged to provide 8 address bits
and 4 data bits, and HT12F is used to decode 12
bits of address information.
Features
·
Operating voltage: 2.4V~12V
·
Low power and high noise immunity CMOS
technology
·
Low standby current
·
Capable of decoding 12 bits of information
·
Pair with Holtek¢s2
12 series of encoders
·
Binary address setting
·
Received codes are checked 3 times
·
Address/Data number combination
-
HT12D: 8 address bits and 4 data bits
-
HT12F: 12 address bits only
·
Built-in oscillator needs only 5% resistor
·
Valid transmission indicator
·
Easy interface with an RF or an infrared
transmission medium
·
Minimal external components
Applications
·
Burglar alarm system
·
Smoke and fire alarm system
·
Garage door controllers
·
Car door controllers
·
Car alarm system
·
Security system
·
Cordless telephones
·
Other remote control systems


Similar Part No. - HT12F

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12F HOLTEK-HT12F Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
HT12F HOLTEK-HT12F Datasheet
118Kb / 12P
Low power and high noise immunity CMOS
February 20, 2009
More results

Similar Description - HT12F

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT602L HOLTEK-HT602L Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
312 Series of Decoders
December 13, 1999
HT604L HOLTEK-HT604L Datasheet
106Kb / 9P
318 Series of Decoders
April 24, 2000
logo
List of Unclassifed Man...
GD74HCT155 ETC1-GD74HCT155 Datasheet
191Kb / 4P
DUAL 2-TO-4 LINE DECODERS/DEMULTIPLEXERS
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
1-OF-10 DECODERS
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
318 Series of Decoders
January 24, 2003
logo
NXP Semiconductors
CBT16292 PHILIPS-CBT16292_15 Datasheet
90Kb / 11P
12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02-18 April 2008
logo
Texas Instruments
CY54FCT138T TI1-CY54FCT138T_14 Datasheet
468Kb / 12P
1-OF-8 DECODERS
logo
Nexperia B.V. All right...
CBT16292 NEXPERIA-CBT16292 Datasheet
193Kb / 12P
12-bit 1-of-2 multiplexer/demultiplexer
Rev. 02 - 18 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com