Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1350 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1350
Description  Step Counter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1350 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1350 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1350 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT1350
Step Counter
Block Diagram
1
June 28, 1999
Features
·
Operating voltage: 1.5V
·
Auto walking or jogging detection
·
Step number/mileage/kilometer/calorie
display
·
LCD display
·
An oscillator with 32kHz
·
Few external components
·
Low power consumption
·
An LCD with 1/3 duty, 1/2 bias
General Description
The HT1350 is a step counter IC implemented
in the CMOS technology. It provides an LCD
with a whole course (kilometer/mile) as well as
the consumed calorie display.
The HT1350 consists of internal oscillator cir-
cuit, a step number/kilometer/mile/calorie step
counter, a voltage doubler, and an LCD display
multiplexer.
The IC can automatically distinguish walking
from jogging, thus making appropriate calcula-
tions.
O s c i l l at or
VD D
V S S
P r e sca l e r
M u l t ip le x e r C i r c u i t
C P 1 C P 2 C P 3
C OM 1 C OM 2 C OM 3
O U T 4
O U T 1 7
OS C 2
OS C 1
St e p Pu l s e
G ene r a t o r
Au t o - D e t e c t
Ci r c u i t
(J og/ W a l k )
ST EP
WA L K / R U N
AU T O / M A N U
M ode
Sw i t c h
MO D E
St e p
C ount e r
Mi l e
C ount e r
Km
C ount e r
Ca l e s
C ount e r
Lev el S hi f t
Ci r c u i t
TE S T 1
TE S T 3
RE S E T
TE S T 2


Similar Part No. - HT1350

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT13 TSC-HT13 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT13 TSC-HT13 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT13 TSC-HT13 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT13 TSC-HT13 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
Holtek Semiconductor In...
HT1330 HOLTEK-HT1330 Datasheet
98Kb / 8P
3 1/2 Digit Timer Watch
August 10, 2000
More results

Similar Description - HT1350

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
Total Counter/Time Counter
logo
Contec Co., Ltd
CPSN-CNT-3201I CONTEC-CPSN-CNT-3201I Datasheet
410Kb / 3P
Counter Module 32bit Counter Isolation
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
Counter
KCM-70A-C PF-KCM-70A-C Datasheet
206Kb / 2P
Counter
KCM-70A-V PF-KCM-70A-V Datasheet
206Kb / 2P
Counter
KCM-70-C PF-KCM-70-C Datasheet
243Kb / 2P
Counter
KCM-70-V PF-KCM-70-V Datasheet
243Kb / 2P
Counter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com