Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1380 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1380
Description  Serial Timekeeper Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1380 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1380 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 10Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
The following diagram shows the single and burst mode transfer:
The table illustrates the values suggested for capacities C1, C2
Part No.
Crystal Error
Capacity Value
HT1380/HT1381
±10ppm
5pF
10~20ppm
8pF
Operating flowchart
To initiate any transfer of data, REST is taken high and an 8-bit command byte is first loaded into the
control logic to provide the register address and command information. Following the command
word, the clock/calendar data is serially transferred to or from the corresponding register. The REST
pin must be taken low again after the transfer operation is completed. All data enter on the rising
edge of SCLK and outputs on the falling edge of SCLK. In total, 16 clock pulses are needed for a sin-
gle byte mode and 72 for burst mode. Both input and output data starts with bit 0.
In using the HT1380/HT1381, set first the WP and CH to 0 and wait for about 3 seconds, the oscilla-
tor will generate the clocks for internal use. Then, choose either single mode or burst mode to input
the data. The read or write operating flowcharts are shown on the next page.
HT1380/HT1381
7
October 2, 1999
R/ W
A0
A1 A2
0
0
1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
CO M M A N D B Y T E
D A T A I/ O
S i ngl e b y t e t rans f er
B u rs t m o d e tra n s f e r
SC L K
I/O
01
CO M M A N D B Y T E
DA T A B Y T E 7
DA T A B Y T E 0
R/ W
0
1
2
3
4
5
6
7
11
1
1
1
07
07
SC L K
I/O
RE S T
RE S T
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com