Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1608L Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT1608L
Description  2x 20 Channel LCD Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1608L Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT1608L Datasheet HTML 3Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 4Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 5Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 6Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 7Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 8Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 9Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 10Page - Holtek Semiconductor Inc HT1608L Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Absolute Maximum Ratings*
Supply Voltage .............................. –0.3V to 5.5V
Storage Temperature................. –50
°C to 125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature............... –20
°C to 70°C
*Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
2.7
—
5.2
V
IDD
Operating Current
5V
No load
—
100
300
µA
ISTB
Standby Current
5V
—
—
1
5
µA
fCLK2
Data Shift Frequency
5V
—
—
—
400
kHz
twCLK
Clock Pulse Width
5V
—
800
—
—
ns
VIL
“L” Input Voltage
5V
—
—
—
1
V
VIH
“H” Input Voltage
5V
—
4
—
—
V
VOL
“L” Output Voltage
5V
IOL=+0.4mA
—
—
0.4
V
VOH
“H” Output Voltage
5V
IOH=–0.4mA
4.6
—
—
V
VLCD
LCD Driving Voltage
—
VDD–VEE
3—
5.0
V
HT1608L
7
27th Aug ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com