Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1620 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1620
Description  RAM Mapping 32x4 LCD Controller for I/O C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1620 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1620 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1620 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
tCS
Serial Interface Reset Pulse
Width
(Figure 3) ¾ CS
¾
250
¾
ns
tCLK
WR,RD Input Pulse Width
(Figure 1) 3V
Write mode
3.34
¾¾
ms
Read mode
6.67
¾¾
tr,tf
Rise/Fall Time Serial Data Clock
Width
(Figure 1) 3V
¾¾
120
¾
ns
tsu
Setup Time for DATA to WR,RD
Clock Width
(Figure 2) 3V
¾¾
120
¾
ns
th
Hold Time for DATA to WR,RD
Clock Width
(Figure 2) 3V
¾¾
120
¾
ns
tsu1
Setup Time for CS to WR,RD
Clock Width
(Figure 3) 3V
¾¾
100
¾
ns
th1
Hold Time for CS to WR,RD Clock
Width
(Figure 3) 3V
¾¾
100
¾
ns
HT1620
8
July 26, 1999
90%
50%
10%
GN D
WR , R D
Cl o c k
t f
t r
t CL K
t CL K
V DD
Figure 1
50%
VA L I D D A T A
50%
DB
W R , R D
Cl o c k
GN D
t su
t h
V DD
V DD
GN D
Figure 2
CS
GN D
50 %
50 %
FI R S T
Cl o c k
LA S T
Cl o c k
GN D
WR , R D
Cl o c k
t su 1
t h1
t CS
V DD
V DD
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com