Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1622 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 32x8 LCD Controller for I/O xC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT1622 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HT1622
9
April 21, 2000
W D T E N /D IS
IR Q E N /D IS
D
CK
Q
R
CL R W D T
C l o ck S o u r ce
/4
/ 256
Ti m e B a s e
CL R T i m e r
IR Q
WD T
V DD
TI M E R E N / D I S
Timer and WDT configurations
If an external clock is selected as the source of
system frequency, the SYS DIS command turns
out invalid and the power down mode fails to be
carried out until the external clock source is re-
moved.
Buzzer tone output
A simple tone generator is implemented in the
HT1622. The tone generator can output a pair
of differential driving signals on the BZ and BZ
which are used to generate a single tone.
Command format
The HT1622 can be configured by the software
setting. There are two mode commands to con-
figure the HT1622 resource and to transfer the
LCD display data.
The following are the data mode ID and the
command mode ID:
Operation
Mode
ID
READ
Data
1 1 0
WRITE
Data
1 0 1
READ-MODIFY-WRITE
Data
1 0 1
COMMAND
Command 1 0 0
If successive commands have been issued, the
command mode ID can be omitted. While the
system is operating in a non-successive com-
mand or a non-successive address data mode,
the CS pin should be set to "1" and the previous
operation mode will be reset also. The CS pin
returns to "0", a new operation mode ID should
be issued first.
Name
Command Code
Function
TONE OFF
0000-1000-X
Turn-off tone output
TONE 4K
010X-XXXX-X
Turn-on tone output, tone frequency is 4kHz
TONE 2K
0110-XXXX-X
Turn-on tone output, tone frequency is 2kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com