Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6546 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N6546
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N6546 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N6546 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6546 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6546 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N6546 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2N6546 2N6547
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6546
300
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6547
IC=100mA ; IB=0
400
V
VCEsat-1
Collector-emitter saturation voltage
IC=10A; IB=2A
1.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=15A; IB=3A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=10A ;IB=2A
1.6
V
2N6546
VCE=650V; VBE(off)=1.5V
TC=100℃
1.0
4.0
mA
ICEV
Collector cut-off current
2N6547
VCE=850V ;VBE(off)=1.5V
TC=100℃
1.0
4.0
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
1.0
mA
hFE-1
DC current gain
IC=5A ; VCE=2V
12
60
hFE-2
DC current gain
IC=10A ; VCE=2V
6
30
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1MHz
6
35
MHz
Switching times
td
Delay time
0.05
μs
tr
Rise time
1.0
μs
tstg
Storage time
4.0
μs
tf
Fall time
IC=10A; IB1=-IB2=2.0A
VCC=250V; tp=0.1ms;
Duty Cycle≤2.0%
0.8
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance from junction to case
1.0
℃/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com