Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT23C020 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT23C020
Description  CMOS 256Kx 8-Bit Mask ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT23C020 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT23C020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT23C020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT23C020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT23C020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT23C020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT23C020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT23C020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT23C020 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT23C020
CMOS 256K
×8-Bit Mask ROM
Block Diagram
Features
•
Operating voltage 2.7V~5.5V
•
Low power consumption
–
Operation: 25mA max. (VCC=5V)
10mA max. (VCC=3V)
–
Standby: 30
µA max. (VCC=5V)
10
µA max. (VCC=3V)
•
Access time:150ns max. (VCC=5V)
250ns max. (VCC=3V)
•
262144
×8 bits of mask ROM
•
Mask options: chip enable CE/CE/OE1/OE1,
CE1/CE1/OE2/OE2/NC and output enable
OE/OE/NC
•
TTL compatible inputs and outputs
•
Tristate outputs
•
Fully static operation
•
Package type: 32-pin DIP/SOP/PLCC
General Description
The HT23C020 is a read-only memory with
high performance CMOS storage device whose
2048K of memory is arranged into 262144
words by 8 bits.
For application flexibility, the chip enable and
output enable control pins can be selected as
active high or active low. This flexibility not
only allows easy interface with most microproc-
essors, but also eliminates bus contention in
multiple bus microprocessor systems. An addi-
tional feature of the HT23C020 is its ability to
enter the standby mode whenever the chip en-
able (CE/CE or CE1/CE1) is inactive, thus re-
ducing current consumption to below 30
µA. The
combination of these functions make the chip
suitable for high density low power memory
applications.
1
21st Aug ’98


Similar Part No. - HT23C020

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT23C010 HOLTEK-HT23C010 Datasheet
275Kb / 8P
CMOS 128K쨈 8-Bit Mask ROM
24th Aug 98
HT23C040 HOLTEK-HT23C040 Datasheet
140Kb / 10P
CMOS 512Kx8-Bit Mask ROM
January 20, 2000
More results

Similar Description - HT23C020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3101 SANYO-LC3101 Datasheet
289Kb / 14P
128K-BIT CMOS MASK ROM
logo
AMIC Technology
A23L9308 AMICC-A23L9308 Datasheet
132Kb / 12P
524,288 X 8 BIT CMOS MASK ROM
logo
Holtek Semiconductor In...
HT23C010 HOLTEK-HT23C010 Datasheet
275Kb / 8P
CMOS 128K쨈 8-Bit Mask ROM
24th Aug 98
HT23C128 HOLTEK-HT23C128 Datasheet
248Kb / 8P
CMOS 16Kx 8-Bit Mask ROM
24th Aug 98
HT23C256 HOLTEK-HT23C256 Datasheet
242Kb / 8P
CMOS 32Kx 8-Bit Mask ROM
24th Aug 98
HT23C512 HOLTEK-HT23C512 Datasheet
239Kb / 8P
CMOS 64Kx 8-Bit Mask ROM
24th Aug 98
logo
List of Unclassifed Man...
AC23V8000 ETC-AC23V8000 Datasheet
44Kb / 6P
1MX8 BIT CMOS MASK ROM
JA58560 ETC-JA58560 Datasheet
225Kb / 16P
Mask-ROM 8-Bit CMOS Micro-controller
logo
NEC
UPD23C256E NEC-UPD23C256E Datasheet
100Kb / 3P
32,368 x 8-BIT MASK-PROGRAMMABLE CMOS ROM
UPD23C1001E NEC-UPD23C1001E Datasheet
169Kb / 4P
131,072 x 8-Bit Mask-Programmable CMOS ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com