Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT24LC01 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT24LC01
Description  1K/2K 2-Wire CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC01 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT24LC01 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC01 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Functional Description
• Serial clock (SCL)
The SCL input is used for positive edge clock
data into each EEPROM device and negative
edge clock data out of each device.
• Serial data (SDA)
The SDA pin is bidirectional for serial data
transfer. The pin is open-drain driven and
may be wired-OR with any number of other
open-drain or open collector devices.
• A0, A1, A2
The A2, A1 and A0 pins are device address
inputs that are hard wired for the
HT24LC01/02. As many as eight 1K/2K de-
vices may be addressed on a single bus system
(the device addressing is discussed in detail
under the Device Addressing section).
• Write protect (WP)
The HT24LC01/02 has a write protect pin
that provides hardware data protection. The
write protect pin allows normal read/write
operations when connected to the VSS. When
the write protect pin is connected to Vcc, the
write protection feature is enabled and oper-
ates as shown in the following table.
WP Pin
Status
Protect Array
HT24LC01
HT24LC02
At VCC
Full Array (1K)
Full Array (2K)
At VSS
Normal Read/Write Operations
Memory organization
• HT24LC01, 1K Serial EEPROM
Internally organized with 128 8-bit words, the
1K requires a 7-bit data word address for
random word addressing.
• HT24LC02, 2K Serial EEPROM
Internally organized with 256 8-bit words, the
2K requires an 8-bit data word address for
random word addressing.
Device operations
• Clock and data transition
Data transfer may be initiated only when the
bus is not busy. During data transfer, the data
line must remain stable whenever the clock
line is high. Changes in data line while the
clock line is high will be interpreted as a
START or STOP condition.
• Start condition
A high-to-low transition of SDA with SCL high
is a start condition which must precede any
other command (refer to Start and Stop Defi-
nition Timing diagram).
• Stop condition
A low-to-high transition of SDA with SCL high
is a stop condition. After a read sequence, the
stop command will place the EEPROM in a
standby power mode (refer to Start and Stop
Definition Timing Diagram).
• Acknowledge
All addresses and data words are serially
transmitted to and from the EEPROM in 8-bit
words. The EEPROM sends a zero to acknow-
ledge that it has received each word. This
happens during the ninth clock cycle.
Device addressing
The 1K and 2K EEPROM devices all require an
8-bit device address word following a start con-
dition to enable the chip for a read or write
operation. The device address word consist of a
mandatory one, zero sequence for the first four
most significant bits (refer to the diagram show-
ing the Device Address). This is common to all
the EEPROM device.
The next three bits are the A2, A1 and A0 device
address bits for the 1K/2K EEPROM. These
three bits must compare to their corresponding
hard-wired input pins.
HT24LC01/02
4
6th May ’99



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com