Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CA0 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT48CA0
Description  8-bit Microcontroller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA0 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT48CA0 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48CA0 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
To guarantee that the system oscillator has
started and stabilized, the SST (System Start-
up Timer) provides an extra-delay of 1024 sys-
tem clock pulses when the system powers up or
when the system awakes from a HALT state.
When a system power up occurs, an SST delay
is added during the reset period. But when the
reset comes from the RES pin, the SST delay is
disabled. Any wake-up from HALT will enable
the SST delay.
The functional unit chip reset status is shown
below.
PC
000H
WDT Prescaler
Clear
Input/output Ports
Input mode
SP
Points to the top of the
stack
Carrier Output
Low level
Reset configuration
Reset circuit
The chip reset status of the registers is summarized in the following table:
Register
Reset
(power on)
WDT time-out
(normal
operation)
RES reset
(normal
operation)
RES reset
(HALT)
PC
(Program Counter)
000H
000H
000H
000H
MP
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
--xx xxxx
--uu uuuu
--uu uuuu
--uu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
PB
1111 1111
1111 1111
1111 1111
1111 1111
PC
---- ---1
---- ---1
---- ---1
---- ---1
Notes: “u” means “unchanged”
“x” means “unknown”
Reset timing chart
HT48CA0
13
23rd July ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com