Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P010458 Datasheet(PDF) 1 Page - E-SWITCH

Part # P010458
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P010458 Datasheet(HTML) 1 Page - E-SWITCH

  P010458 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL6700NF260QJ
5:1
11/14/2006
P010458
A
TN
1
1
.10
[.004 in]
6.80
[.268 in]
6.90
[.272 in]
4.00
[.157 in]
.70
[.028 in]
n3.40
[.134 in]
6.20
[.244 in]
2.60
[.102 in]
2
4
3
CIRCUIT: SPST
1
NOTES:
1. GENERAL TOLERANCE: x.x
`0.4
x.xx
`0.25
2. RATING: 50mA@12VDC
3. TRAVEL: 0.35±0.2mm
4. CONTACT RESISTANCE: 100m OHMS
5. LIFE CYCLES: 100,000 CYCLES
6. OPERATING FORCE: 260
`50gf
7.
DENOTES CRITICAL PARAMETER
8. PACKAGE: TAPE AND REEL, 1900 PIECES PER REEL
9. 2002/95/EC (ROHS) COMPLIANT
10. CONTACT MATERIAL: SILVER
A
16652
RELEASED FOR PRODUCTION
11/14/2006
TN
9.60
[.378 in]
3.00
[.118 in]
1.00
[.039 in]
4.00
[.157 in]
P.C.B. MOUNTING LAYOUT
1
2
3
4


Similar Part No. - P010458

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
P010451 E-SWITCH-P010451 Datasheet
129Kb / 1P
E-SWITCH TL2285EE
P010457 E-SWITCH-P010457 Datasheet
115Kb / 1P
ALL DIMENSIONS IN MM [INCH]
P010459 E-SWITCH-P010459 Datasheet
118Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - P010458

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com