Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49C10 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT49C10
Description  8-Bit Microcontroller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C10 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT49C10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
HT49C10
13
September 28, 1999
Register
Bit No.
Label
Function
INTC0
(0BH)
0
EMI
Control the master (global) interrupt
(1= enabled; 0= disabled)
1
EEI0
Control the external interrupt 0
(1= enabled; 0= disabled)
2
EEI1
Control the external interrupt 1
(1= enabled; 0= disabled)
3
ETI
Control the timer/event counter interrupt
(1= enabled; 0= disabled)
4
EIF0
External interrupt 0 request flag
(1= active; 0= inactive)
5
EIF1
External interrupt 1 request flag
(1= active; 0= inactive)
6TF
Internal timer/event counter request flag
(1= active; 0= inactive)
7
¾
Unused bit, read as ²0²
INTC1
(1EH)
0
ETBI
Control the time base interrupt
(1= enabled; 0= disabled)
1
ERTI
Control the real time clock interrupt
(1= enabled; 0= disabled)
2, 3
¾
Unused bit, read as ²0²
4
TBF
Time base request flag
(1= active; 0= inactive)
5
RTF
Real time clock request flag
(1= active; 0= inactive)
6, 7
¾
Unused bit, read as ²0²
INTC register
interrupt request flag (EIF0; bit 4 of INTC0,
EIF1; bit 5 of INTC0) is set as well. After the in-
terrupt is enabled, and the stack is not full, and
the external interrupt is active, a subroutine
call to location 04H or 08H occurs. The inter-
rupt request flag (EIF0 or EIF1) and EMI bits
are all cleared to disable other interrupts.
The internal timer/event counter interrupt is
initialized by setting the timer/event counter
interrupt request flag (TF; bit 6 of INTC0), that
is caused by a timer overflow. After the inter-
rupt is enabled, and the stack is not full, and
the TF bit is set, a subroutine call to location
0CH occurs. The related interrupt request flag
(TF) is reset, and the EMI bit is cleared to dis-
able further interrupts.
The time base interrupt is initialized by setting
the time base interrupt request flag (TBF; bit 4
of INTC1), that is caused by a regular time base
signal. After the interrupt is enabled, and the
stack is not full, and the TBF bit is set, a sub-
routine call to location 10H occurs. The related
interrupt request flag (TBF) is reset and the
EMI bit is cleared to disable further interrupts.
The real time clock interrupt is initialized by
setting the real time clock interrupt request
flag (RTF; bit 5 of INTC1), that is caused by a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com