| Electronic Components Datasheet Search |
|
HT49C50 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT49C50 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc |
|
6 / 52 page ![]() Pin Description Pin Name I/O Mask Option Description PA0/BZ PA1/BZ PA2 PA3/PFD PA4~PA7 I/O Wake-up Pull-high or None CMOS or NMOS PA0~PA7 constitute an 8-bit bidirectional input/output port with Schmitt trigger input capability. Each bit on port can be configured as a wake-up input by mask option. PA0~PA3 can be configured as a CMOS output or NMOS input/output with or without pull-high resistor by mask option. PA4~PA7 are al- ways pull-high NMOS input/output. Of the eight bits, PA0~PA1 can be set as I/O pins or buzzer outputs by mask op- tion. PA3 can be set as an I/O pin or as a PFD output also by mask option. PB0/INT0 PB1/INT1 PB2/TMR0 PB3/TMR1 PB4~PB7 I ¾ PB0~PB7 constitute an 8-bit Schmitt trigger input port. Each bit on port are pull-high resistor. Of the eight bits, PB0 and PB1 can be set as input pins or as external interrupt control pins (INT0) and (INT1) respectively, by software application. PB2 and PB3 can be set as an input pin or as a timer/event counter input pin TMR0 and TMR1 also by software application. PC0~PC3 I/O Pull-high or None CMOS or NMOS PC0~PC3 constitute a 4-bit bidirectional input/output port with a schmitt trigger input capability. On the port, such can be configured as CMOS output or NMOS input/output with or without pull-high resistor by mask option. VSS I ¾ Negative power supply, GND VLCD I ¾ LCD power supply V1,V2,C1,C2 I ¾ Voltage pump SEG32/COM3 COM2~COM0 O 1/3 or 1/4 Duty SEG32 can be set as a segment or as a common output driver for LCD panel by mask option. COM2~COM0 are outputs for LCD panel plate. SEG31~SEG0 O ¾ LCD driver outputs for LCD panel segments OSC4 OSC3 O I ¾ Real time clock oscillators VDD ¾¾ Positive power supply OSC2 OSC1 O I Crystal or RC OSC1 and OSC2 are connected to an RC network or a crystal (by mask option) for the internal system clock. In the case of RC operation, OSC2 is the output terminal for 1/4 system clock. RES I ¾ Schmitt trigger reset input, active low HT49C50 6 August 18, 1999 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |