Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49R50 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
Absolute Maximum Ratings
Supply Voltage........................VSS-0.3V to 5.5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maxi-
mum Ratings" may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3.0
¾
5.2
V
IDD1
Operating Current
(Crystal OSC)
3V No load,
fSYS=2MHz
¾
0.5
1
mA
5V
¾
1.5
3
mA
IDD2
Operating Current (RC OSC)
3V No load,
fSYS=2MHz
¾
0.4
0.8
mA
5V
¾
12
mA
ISTB1
Standby Current
(*fS=T1)
3V No load, system halt
LCD off at halt
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(*fS=32.768kHz OSC)
3V No load, system halt
LCD on at halt, C type
¾4
10
mA
5V
¾14
20
mA
ISTB3
Standby Current
(*fS=WDT RC OSC)
3V No load, system halt
LCD on at halt, C type
¾
25
mA
5V
¾
610
mA
ISTB4
Standby Current
(*fS=32.768kHz OSC)
3V No load, system halt
LCD on at halt
R type, 1/2bias
¾
17
30
mA
5V
¾
34
60
mA
ISTB5
Standby Current
(*fS=32.768kHz OSC)
3V No load, system halt
LCD on at halt
R type, 1/3bias
¾
13
25
mA
5V
¾
28
50
mA
ISTB6
Standby Current
(*fS=WDT RC OSC)
3V No load, system halt
LCD on at halt
R type, 1/2bias
¾
14
25
mA
5V
¾
26
50
mA
ISTB7
Standby Current
(*fS=WDT RC OSC)
3V No load, system halt
LCD on at halt
R type, 1/3bias
¾
10
20
mA
5V
¾
19
40
mA
VIL
I/O Port Input Low Voltage
3V
¾
0
¾
0.9
V
5V
¾
0
¾
1.5
V
VIH
I/O Port Input High Voltage
3V
¾
2.1
¾
3V
5V
¾
3.5
¾
5V
HT49R50
7
October 22, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com