Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3MB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 3MB
Description  Glass Passivated Die Construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

3MB Datasheet(HTML) 1 Page - Diodes Incorporated

  3MB Datasheet HTML 1Page - Diodes Incorporated 3MB Datasheet HTML 2Page - Diodes Incorporated 3MB Datasheet HTML 3Page - Diodes Incorporated 3MB Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S3A/B - S3M/B
Document number: DS16005 Rev. 18 - 2
1 of 4
www.diodes.com
March 2014
© Diodes Incorporated
S3A/B - S3M/B
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Features
Glass Passivated Die Construction
Low Forward Voltage Drop and High Current Capability
Surge Overload Rating to 100A Peak
Ideally Suited for Automated Assembly
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SMB/SMC
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Weight: SMB 0.093 grams (approximate)
SMC 0.21 grams (approximate)
Ordering Information* (Note 4)
Part Number
Compliance
Case
Packaging
S3xB-13-F
Standard
SMB
3000/Tape & Reel
S3x-13-F
Standard
SMC
3000/Tape & Reel
*x = Device type, e.g. S3AB-13-F (SMB package); S3A-13-F (SMC Package).
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
 
Green
Top View
Bottom View
S3x = Product Type Marking Code, ex. S3K (SMC)
S3xB = Product Type Marking Code, ex. S3KB (SMB)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 14 for 2014)
WW = Week code (01 to 53)
YWW
S3x(B)


Similar Part No. - 3MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3MBI150U-120 ETC2-3MBI150U-120 Datasheet
118Kb / 5P
IGBT Module U-Series 1200V / 150A 3 in one-package
logo
Fuji Electric
3MBI150U-120 FUJI-3MBI150U-120 Datasheet
117Kb / 5P
1200V / 150A 3 in one-package
logo
List of Unclassifed Man...
3MBI150UC-120 ETC2-3MBI150UC-120 Datasheet
128Kb / 5P
IGBT Module U-Series 1200V / 150A 3 in one-package
logo
Fuji Electric
3MBI150UC-120 FUJI-3MBI150UC-120 Datasheet
128Kb / 5P
1200V / 150A 3 in one-package
More results

Similar Description - 3MB

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1N4001G DEC-1N4001G Datasheet
826Kb / 2P
Glass Passivated Die Construction
logo
Diodes Incorporated
ES2D-13-F DIODES-ES2D-13-F Datasheet
120Kb / 4P
Glass Passivated Die Construction
Rev 12
logo
Mospec Semiconductor
GBJ15005 MOSPEC-GBJ15005 Datasheet
160Kb / 2P
Glass Passivated Die Construction
GBU4A MOSPEC-GBU4A Datasheet
190Kb / 2P
Glass Passivated Die Construction
logo
Sangdest Microelectroni...
S1A-M SMC-S1A-M Datasheet
145Kb / 4P
Glass Passivated Die Construction
ABS2U SMC-ABS2U Datasheet
156Kb / 5P
Glass passivated die construction
DF01 SMC-DF01 Datasheet
149Kb / 4P
Glass passivated die construction
GBJ35005 SMC-GBJ35005 Datasheet
262Kb / 4P
Glass passivated die construction
SD560BP SMC-SD560BP Datasheet
191Kb / 5P
Glass Passivated Die Construction
logo
DIYI Electronic Technol...
GBU6005G DYELEC-GBU6005G Datasheet
2Mb / 2P
Glass passivated die construction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com