Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC202A Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC202A
Description  3.5MHz, 500mA Step-down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202A Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC202A Datasheet HTML 11Page - Semtech Corporation SC202A Datasheet HTML 12Page - Semtech Corporation SC202A Datasheet HTML 13Page - Semtech Corporation SC202A Datasheet HTML 14Page - Semtech Corporation SC202A Datasheet HTML 15Page - Semtech Corporation SC202A Datasheet HTML 16Page - Semtech Corporation SC202A Datasheet HTML 17Page - Semtech Corporation SC202A Datasheet HTML 18Page - Semtech Corporation SC202A Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
SC202A
17
2.50
2.40
2.60
NOTES:
0.08
13
0.60
-
0.00
0.80
0.75
0.70
-
0.05
1.00
(0.20)
-
-
0.10
1.17
2.90
1.27 1.32
3.00 3.10
0.40 BSC
0.40 0.45 0.50
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
2.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
1.
DIMENSIONS
e
bbb
aaa
A1
A2
D1
E1
DIM
N
L
E
D
A
MILLIMETERS
MAX
MIN NOM
b
0.15 0.20 0.25
SEATING
PLANE
bbb
C A B
aaa C
C
PIN 1
INDICATOR
(LASER MARK)
D
E
B
A
A1
A
A2
Lx7
0.355
0.30 x 45°
CHAMFER
e
0.238
E1
SEE DETAIL A
CL
CL
0.363
0.684
0.157
0.312
2X 0.200
2X 0.110
8X 0.025
DETAIL A
SCALE: 4/1
1.30
1
2
N
0.800
E/2
0.265
D1
0.95
0.25
D/2
e
bxN
CL
L
C
2X
Outline Drawing — MLPQ-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com