Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT615 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT615
Description  318 Series of Decoders
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT615 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT615 Datasheet HTML 1Page - Holtek Semiconductor Inc HT615 Datasheet HTML 2Page - Holtek Semiconductor Inc HT615 Datasheet HTML 3Page - Holtek Semiconductor Inc HT615 Datasheet HTML 4Page - Holtek Semiconductor Inc HT615 Datasheet HTML 5Page - Holtek Semiconductor Inc HT615 Datasheet HTML 6Page - Holtek Semiconductor Inc HT615 Datasheet HTML 7Page - Holtek Semiconductor Inc HT615 Datasheet HTML 8Page - Holtek Semiconductor Inc HT615 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Functional Description
Operation
The 3
18 series of decoders provides various com-
binations of address and data pins in different
packages. It is paired with the 3
18 series of
encoders. The decoders receive data transmit-
ted by the encoders and interpret the first N
bits of the code period as address and the last
18–N bits as data (where N is the address code
number). A signal on the DIN pin then activates
the oscillator which in turns decodes the incom-
ing address and data. The decoders will check
the received address twice continuously. If all
the received address codes match the contents
of the decoder’s local address, the 18–N bits of
data are decoded to activate the output pins,
and the VT pin is set high to indicate a valid
transmission. That will last until the address
code is incorrect or no signal has been received.
The output of the VT pin is high only when the
transmission is valid. Otherwise it is low al-
ways.
Output type
There are 2 types of output to select from:
• Momentary type
The data outputs follow the encoder during a
valid transmission and then reset.
• Latch type
The data outputs follow the encoder during a
valid transmission, and are then latched in
this state until the next valid transmission
occurs.
Flowchart
Note: The oscillator is disabled in the
standby state and activated as long as
a logic “high” signal is applied to the
DIN pin. i.e., the DIN should be kept
“low” if there is no signal input.
3
18 Series of Decoders
5
2nd Oct ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com