Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT644L Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT644L
Description  318 Series of Decoders
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT644L Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT644L Datasheet HTML 1Page - Holtek Semiconductor Inc HT644L Datasheet HTML 2Page - Holtek Semiconductor Inc HT644L Datasheet HTML 3Page - Holtek Semiconductor Inc HT644L Datasheet HTML 4Page - Holtek Semiconductor Inc HT644L Datasheet HTML 5Page - Holtek Semiconductor Inc HT644L Datasheet HTML 6Page - Holtek Semiconductor Inc HT644L Datasheet HTML 7Page - Holtek Semiconductor Inc HT644L Datasheet HTML 8Page - Holtek Semiconductor Inc HT644L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Approximate internal connection circuits
Absolute Maximum Ratings*
Supply Voltage ............................... –0.3V to 13V
Storage Temperature................. –50
°C to 125°C
Input Voltage..................VSS–0.3V to VDD+0.3V
Operating Temperature............... –20
°C to 75°C
*Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of this device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied and exposure to absolute maximum rating conditions for extened
periods may affect device reliability.
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
3
—
12
V
ISTB
Standby Current
5V
Oscillator stops
—
0.1
1
µA
12V
—
2
4
µA
IDD
Operating Current
5V
No load
FOSC=100kHz
—
0.2
1
mA
IO
Data Output Source Current
(D10~D17)
5V
VOH=4.5V
–0.5
–1
—
mA
Data Output Sink Current
(D10~D17)
VOL=0.5V
0.5
1
—
mA
IVT
VT Output Source Current
5V
VOH=4.5V
–2
–4
—
mA
VT Output Sink Current
VOL=0.5V
1
2
—
mA
VIH
“H” Input Voltage
5V
—
3.5
—
5
V
VIL
“L” Input Voltage
5V
—
0
—
1
V
FOSC
Oscillator Frequency
10V
ROSC=330k
Ω
—100
—
kHz
3
18 Series of Decoders
4
2nd Oct ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com