Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6576A Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT6576A
Description  Advanced SCSI CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6576A Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT6576A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 9Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 10Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 11Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 12Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 13Page - Holtek Semiconductor Inc HT6576A Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Initiator Receive
Name
Description
Min.
Max.
Unit
t1
IOR inactive to next REQ active
50
—
ns
t2
REQ active to ACK active
50
—
ns
t3
IOR inactive to ACK inactive
10
—
ns
t4
ACK inactive time
50
—
ns
t5
Data Bus hold time from IOR inactive
10
—
ns
t6
Data Bus valid time from IOR active
—
20
ns
t7
REQ active to DRQ active
—
25
ns
t8
DACK active to DRQ inactive
—
20
ns
t9
DACK inactive to next DRQ active
20
—
ns
t10
EOP active time
30
—
ns
HT6576A
11
14th July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com