Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT683L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT683L
Description  318 Series of Decoders
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT683L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT683L Datasheet HTML 1Page - Holtek Semiconductor Inc HT683L Datasheet HTML 2Page - Holtek Semiconductor Inc HT683L Datasheet HTML 3Page - Holtek Semiconductor Inc HT683L Datasheet HTML 4Page - Holtek Semiconductor Inc HT683L Datasheet HTML 5Page - Holtek Semiconductor Inc HT683L Datasheet HTML 6Page - Holtek Semiconductor Inc HT683L Datasheet HTML 7Page - Holtek Semiconductor Inc HT683L Datasheet HTML 8Page - Holtek Semiconductor Inc HT683L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3
18 Series of Decoders
Selection Table
Function Address
No.
Data
VT
Oscillator
Trigger
Package
Item
No.
Type
HT602L
12
2
L
√ RC oscillator DIN active “Hi” 20 DIP/20 SOP
HT604L
10
4
L
√ RC oscillator DIN active “Hi” 20 DIP/20 SOP
HT605L
9
5
L
√ RC oscillator DIN active “Hi” 20 DIP/20 SOP
HT611
14
0
—
√ RC oscillator DIN active “Hi” 20 DIP/20 SOP
Features
•
Operating voltage: 2.4V~12V
•
Low power and high noise immunity CMOS
technology
•
Low standby current
•
Capable of decoding 18 bits of information
•
Pairs with HOLTEK’s 3
18 series of encoders
•
8~18 address pins
•
0~8 data pins
•
Trinary address setting
•
Two times of receiving check
•
Built-in oscillator needs only a 5% resistor
•
Valid transmission indictor
•
Easily interface with an RF or an infrared
transmission medium
•
Minimal external components
General Description
The 3
18 decoders are a series of CMOS LSIs for
remote control system applications. They are
paired with the 3
18 series of encoders. For
proper operation a pair of encoder/decoder pair
with the same number of address and data
format should be selected (refer to the en-
coder/decoder cross reference tables).
The 3
18 series of decoders receives serial ad-
dress and data from that series of encoders that
are transmitted by a carrier using an RF or an
IR transmission medium. It then compares the
serial input data twice continuously with its
local address. If no errors or unmatched codes
are encountered, the input data codes are de-
coded and then transferred to the output pins.
The VT pin also goes high to indicate a valid
transmission.
The 3
18 decoders are capable of decoding 18 bits
of information that consists of N bits of address
and 18–N bits of data. To meet various applica-
tions they are arranged to provide a number of
data pins whose range is from 0 to 8 and an
address pin whose range is from 8 to 18. In
addition, the 3
18 decoders provide various com-
binations of address/data number in different
packages.
Applications
•
Burglar alarm system
•
Smoke and fire alarm system
•
Garage door controllers
•
Car door controllers
•
Car alarm system
•
Security system
•
Cordless telephones
•
Other remote control systems
1
2nd Oct ’97


Similar Part No. - HT683L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT680 HOLTEK-HT680 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT680 HOLTEK-HT680 Datasheet
155Kb / 12P
3(18) Series of Encoders
July 8, 1999
HT680 HOLTEK-HT680 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
logo
Jiaxing Heroic Technolo...
HT6808 HEROIC-HT6808 Datasheet
280Kb / 6P
HT6808 Brief Introduction
logo
Shenzhenshi YONGFUKANG ...
HT6808 YONGFUKANG-HT6808 Datasheet
591Kb / 12P
3W Ultra Low EMI Anti-Cut Top Stereo Class D Audio Power Amplifier
More results

Similar Description - HT683L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D Datasheet
165Kb / 9P
2 12 Series of Decoders
July 12, 1999
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
312 Series of Decoders
December 13, 1999
HT604L HOLTEK-HT604L Datasheet
106Kb / 9P
318 Series of Decoders
April 24, 2000
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
1-OF-10 DECODERS
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
318 Series of Decoders
January 24, 2003
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
logo
Varitronix internationa...
VI-318 VARITRONIX-VI-318 Datasheet
24Kb / 1P
VI-318
logo
Texas Instruments
CY54FCT138T TI1-CY54FCT138T_14 Datasheet
468Kb / 12P
1-OF-8 DECODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com